Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 91 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 91 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 87Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 88Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 89Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 90Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 91Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 92Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 93Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 94Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 95Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
B7A
B7A
89
Operation
Power Supply
Screw Terminal Models
Transmission distance
500 m max.
SIG
SIG
INO
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
IN8
A8
IN9
A9
+
B0
_
B1
+
B2
_
B3
+
B4
_
B5
+
B6
_
B7
+
B8
_
B9
+
+
_
SIG
SIG
OUT0
A0
OUT1
A1
OUT2
A2
OUT3
A3
OUT4
A4
OUT5
A5
OUT6
A6
OUT7
A7
OUT8
A8
OUT9
A9
+
B0
+
B1
+
B2
+
B3
+
B4
+
B5
+
B6
+
B7
+
B8
+
B9
+
+
_
IN
OUT
SIG
+–
+–
DC power
supply
DC power
supply
(12 to 24 V )
(12 to 24 V )
Connection of Independent Power Supplies
ERR
ERROR
Note:
A VCTF cable with a thickness of 0.75 mm2 min.
must be used for signal transmission.
SIG
SIG
INO
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
IN8
A8
IN9
A9
+
B0
_
B1
+
B2
_
B3
+
B4
_
B5
+
B6
_
B7
+
B8
_
B9
+
+
_
SIG
SIG
OUT0
A0
OUT1
A1
OUT2
A2
OUT3
A3
OUT4
A4
OUT5
A5
OUT6
A6
OUT7
A7
OUT8
A8
OUT9
A9
+
B0
+
B1
+
B2
+
B3
+
B4
+
B5
+
B6
+
B7
+
B8
+
B9
+
+
_
IN
OUT
+
SIG
Transmission distance
100 m max.
DC power
supply
Note:
In this example, a VCTF transmission cable with a
thickness of 0.75 mm2 min. is used, through which a
current of 1.2 A max. can be transmitted.
+–
(24 V)
Connection of Single Power Supply to Input or Output Terminal
ERR
ERROR
Modular Models
10 11 12 13 14 15 16 17 18
10 11 12 13 14 15 16 17 18
I
9
8
7
6
5
4
3
2
1
Output Terminal
10 11 12 13 14 15 16 17 18
10 11 12 13 14 15 16 17 18
I
9
8
7
6
5
4
3
2
1
Transmission distance
500 m max.
Input Terminal
12 to 24 VDC
Connection of Independent Power Supplies
Note:
A VCTF cable with a thickness of 0.75 mm2 min.
must be used for signal transmission.
12 to 24 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com