Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 33Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 34Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 35Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 36Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 37Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 38Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 39Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 40Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
B7A
B7A
35
Indicator Operation
16-point Terminal Models
Indicator
Function
POWER
(Input Terminal)
G
Lit when power is supplied and the
Terminal is operating.
N
Not lit when power is not supplied.
POWER/ERR
(Output Terminal)
G
Lit when power is supplied and the
Terminal is operating without error.
R
Lit during transmission errors.
N
Not lit when power is not supplied.
Note:
G: Green indicator lit; R: Red indicator lit; N: Not lit
32-point Terminal Models
Indicator
Function
POWER
(Input Terminal)
G
Lit when power is supplied and the
Terminal is operating.
N
Not lit when power is not supplied.
ERR1/ERR2
(Output Terminal)
N
Not lit when power is supplied and
the Terminal is operating without
error.
R
Lit during transmission errors.
N
Not lit when power is not supplied.
Note:
G: Green indicator lit; R: Red indicator lit; N: Not lit
Recommended Solderless Terminals
Wire
JIS specifications
0.75 mm2 (AWG#18)
RAV 1.25 to 3.5 (vinyl-insulated round
wire) or RAP 1 25 to 3 5
1.25 mm2 (AWG#16)
wire) or RAP 1.25 to 3.5
(nylon-insulated round wire)
Setting of Output Selector (Output Unit Only)
16-point Terminal Models
OUTPUT SELECTOR
OUT15
ERR
Switch
OUT15
ERR
Set the 16th output to
OUT15.
Set the 16th output to ERR (the
ERR output is ON only when
there is a transmission error).
32-point Terminal Models
OUTPUT SELECTOR
OUT15 ERR1 OUT31 ERR2
Selector 1 Selector 2
Switch 1
Switch 2
OUT15
ERR1
OUT31
ERR2
Set the 16th output to OUT15.
Set the 16th output to ERR (the
ERR output is ON only when
there is a transmission error).
Set the 32nd output to OUT31.
Set the 32nd output to ERR
(the ERR output is ON only
when there is a transmission
error).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com