Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 74 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 74 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 70Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 71Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 72Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 73Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 74Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 75Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 76Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 77Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 78Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
72
Link Terminals with Sensor I/O Connectors
B7AC
Water-resistive Transmission Unit
Compact and satisfies the requirements of IP67.
Incorporating an FA connector for limit switches,
proximity sensors, and photoelectric sensors.
Transmits 10 input signals.
Incorporating easy-to-see indicators for I/O signal
monitoring.
Ordering Information
Model Number Legend
B7AC - T 10 A 1 - A
34
1. Classification
C: FA connector model
2. Input/Output Classification
T: Input
3. Number of I/O
10: 10 points
4. FA Connector/Contact Arrangement
A: M12/type A (Refer to page 79 for details.)
5. I/O Delay Time (Typical)
1: 19.2 ms
6. I/O Delay Selection (19.2 ms/3 ms)/Input Configuration
None:Without selection function/NPN
A:
With selection function/NPN
B:
With selection function/PNP
1
2
5
6
Product List
Refer to page 114 for details.
I/O Combinations
Refer to pages 1 to 5 for details.
Accessories (Attachment)
Name
Model
Material
Suitable connector
Model
Mounting part
Waterproof Cover
XS2Z-11
Aluminum/white
XS2G/XS2H/XS2M/XS2R
M12 male screw
XS2Z-12
XS2C/XS2R/XS2F/XS2P
M12 female screw (with mounting
bracket)
Dust Cover
XS2Z-13
Polyvinyl chloride/transparent
XS2G/XS2H/XS2M/XS2R
M12 male screw
XS2Z-14
Polyvinyl chloride/red
XS2C/XS2R/XS2F/XS2P
M12 female screw (with mounting
bracket)
XS2Z-15
Contact block (female contact)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com