Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 69 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 69 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 65Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 66Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 67Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 68Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 69Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 70Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 71Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 72Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 73Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
B7AH
B7AH
67
Specifications
Characteristics
General
Normal speed
High speed
Communications method
Unidirectional, time-division multiplex
Transmission distance (See note 1.)
500 m max.
100 m max. (See note 2.)
I/O delay time
Typical: 19.2 ms; 31 ms max.
Typical: 3 ms; 5 ms max.
Minimum input time (See note 3.)
16 ms
2.4 ms
Operating voltage range
Transmission circuit (+V, –V): 12 to 24 VDC (10.8 to 26.4 VDC) (See note 1.)
Logic circuit (VDD, VSS):
5 VDC
±10% (4.5 to 5.5 VDC)
Insulation resistance
20 M
Ω min. (250 V) between each pin and external parts
Dielectric strength
250 VAC, 50/60 Hz, 1 min between each pin and external parts
Noise immunity (See note 4.)
Noise level: 1.5 kV; pulse width: 100 ns to 1
µs (on transmission line due to coupling)
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
300 m/s2
Ambient temperature
Operating: –10 to 55
°C (with no icing or condensation)
Storage:
–25 to 65
°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85%
Note:
1. The transmission distance values stated in this table are possible if the Input or Output Link Terminal is connected to an independent
power supply. If a single power supply is connected to the Input or Output Link Terminal, the supply voltage must be 24 VDC
±10%,
in which case the transmission distance of a normal-speed model is 100 m maximum and that of a high-speed model is 50 m maxi-
mum. Refer to
Power Supply on page 68 for details.
2. A shielded transmission cable or a VCTF cable with a thickness of 0.75 mm2 minimum must be used for signal transmission. If the
VCTF cable is used, however, the transmission distance will be 10 m maximum regardless of whether or not independent power
supplies for the Input and the Output Link Terminals are used.
3. The minimum input time is required for the B7AH to read an input signal.
4. This is the value for the inductive noise on the transmission line measured using a noise tester. For high-speed models, it is the
value without the shield line connected to ground.
I/O Specifications
Input
Item
B7AH-T6D3, B7AH-T6D8
Input configuration
CMOS input
Input logic
Active high
I/O delay time
B7AH-T6D3: Normal speed (typical: 19.2 ms); B7AH-T6D8: High speed (typical: 3 ms)
Current consumption (see note)
Logic circuit: 20 mA max.; Transmission circuit: 30 mA max.
Input
Input voltage
0 to VDD (V)
pu
Input current
0.04 to 0.06 mA/point
Minimum input time
B7AH-T6D3: 16 ms
B7AH-T6D8: 2.4 ms
ON/OFF
threshold
ON voltage
VDD(V)
× 0.7 min.
(3.15 V min. for VDD = 4.5 V; 3.5 V min. for VDD = 5 V; 3.85 V min. for VDD = 5.5 V)
OFF voltage
VDD (V)
× 0.3 min.
(1.35 V min. for VDD = 4.5 V; 1.5 V min. for VDD = 5 V; 1.65 V min. for VDD = 5.5 V)
Weight
Approx. 10 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com