Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 61 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 61 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 57Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 58Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 59Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 60Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 61Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 62Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 63Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 64Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 65Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
B7AM-8
j
B7AM-8
j
59
Screw Terminal Models
Item
B7AM-8B11/-8B31/-8B16/-8B36
B7AM-8F31
Compatible inputs
(see note 1)
Switches, two-wire sensors with DC output,
three-wire NPN sensors
Switches, two-wire sensors with DC output,
three-wire PNP sensors
I/O delay time
B7AM-8B
j1: normal speed (typical 19.2 ms);
B7AM-8B
j6: high speed (typical 3 ms)
Normal speed (typical 19.2 ms)
Input logic
Active low
Active high
Current consumption
(see note 2)
120 mA max. with all input/output terminals ON
Operating voltage range
12 to 24 VDC
Input voltage range
0 VDC to supply voltage
Input current range
–6 to –3 mA/point (current flowing from input
terminals)
3 to 6 mA/point (current flowing from input
terminals)
Minimum input time
B7AM-8B
j1: 16 ms; B7AM-8Bj6: 2.4 ms
ON/OFF threshold
No-contact input: ON voltage:
4 V max.
OFF voltage: 6 V min.
Contact input:
ON discrimination resistance:
660
Ω max.
OFF discrimination resistance:
2 k
Ω min.
Output configuration
NPN open collector
PNP open collector
Rated load voltage
5 to 24 VDC
Output residual voltage
0.8 V max.
Output current
Sync. current, 100 mA max./ point
Error processing
B7AM-8B1
j: HOLD; B7AM-8B3j: LOAD OFF
LOAD OFF
Mounting strength
No damage when 49-N pull is applied for 1 min each in all directions
Terminal strength
No damage when 49-N pull is applied for 1 min each in all directions
Tightening torque
0.78 to 1.18 N
S m
Weight
Approx. 140 g
Note:
1. Power must be supplied to the three-wire sensor via the positive power supply terminal or from an independent power supply.
Two-wire sensors must satisfy the following requirements:
Residual voltage:
4 V max.
Current leakage:
1.5 mA max.
The lower limit of control output:
3 mA (Use a bleeder resister to eliminate this restriction.)
2. Consumption when all 8 input/output points are ON. Excludes external sensor current for Input Terminals and external load current
and error load current for Output Terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com