Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 99 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 99 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 95Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 96Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 97Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 98Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 99Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 100Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 101Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 102Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 103Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 121 page
background image
C200H-B7A
C200H-B7A
97
Specifications
Characteristics
General
Item
C200H-B7A12
C200H-B7A02
C200H-B7A21
C200H-B7A22
C200H-B7AI1
C200H-B7AO1
Number of I/O
points
32 inputs
Input (reception):
16 points or 15
points and 1
error input
× 2
ports
32 outputs
Output
(transmission):
16 points
× 2
ports
16 inputs and 16
outputs
Input
(reception):
16 points or 15
points and 1
error input
Output
(transmission):
16 points
32 inputs and 32
outputs
Input
(reception):
16 points or 15
points and 1
error input
× 2
ports
Output
(transmission):
16 points
× 2
ports
16 inputs
Input
(reception):
16 points or 15
points and 1
error input
16 outputs
Output
(transmission):
16 points
Number of I/O
Unit words
allocated
2 input words
(Group-2)
2 output words
(Group-2)
1 input word and
1 output word
(total: 2 words;
Group-2)
2 input words
and 2 output
words (total: 4
words; Group-2)
1 input word
(basic I/O Unit)
1 output word
(basic I/O Unit)
Communications
method
Unidirectional, time-division multiplex
I/O delay time
Normal speed (typical: 19.2 ms) or high speed (typical: 3 ms) (switchable)
Normal speed (typical: 19.2 ms)
Transmission
distance (see
note 2)
Normal speed:
500 m max.
High speed:
100 m max.
500 m max.
Error processing
HOLD/LOAD
OFF (switchable)
---
HOLD/LOAD OFF (input only)
(switchable)
HOLD
---
Internal current
consumption
5 VDC, 100 mA max.
External power
supply (see note
3)
12 to 24 VDC
±10%, 50 mA
min.
12 to 24 VDC
±10%, 60 mA
min.
12 to 24 VDC
±10%, 50 mA
min.
12 to 24 VDC
±10%, 80 mA
min.
12 to 24 VDC
±10%, 10 mA
min.
12 to 24 VDC
±10%, 30 mA
min.
Note:
1. When using the C200H-B7A01 with a C200HS/C200H PLC, use a Backplane with “-V
j” at the end of the model number. Normal
operation will not be possible if any other type of Backplane is used.
The C200H-B7A01/12/21/22 cannot be used with a C200H-CPU01/02/03.
2. The maximum transmission distance varies depending on the wiring method.
3. The value for the external power supply does not include the power required by the B7A Link Terminals.
Installation
Example of Connection to a B7A Link Terminal (C200H-B7A21)
C200H-B7A21
500 m max. (normal speed)/
100 m max. (high speed)
500 m max. (normal speed)/
100 m max. (high speed)
B7A/B7AS
16-input model
B7A/B7AS
16-output model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com