Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 11Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 12Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 13Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 14Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 15Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 16Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 17Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 18Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 121 page
background image
B7AS
B7AS
13
Nomenclature
Power supply indicator
Power terminals
Transmission terminals
Transmission terminals
Power terminals
Input terminals
I/O delay selector switch
Input terminals
Input indicators
Recommended Solderless Terminals
Wire
JIS specifications
0.75 mm2 (AWG#18)
RAV 1.25 to 3.5 (vinyl-insulated round
wire) or RAP 1 25 to 3 5
1.25 mm2 (AWG#16)
wire) or RAP 1.25 to 3.5
(nylon-insulated round wire)
Indicator Operation
Indicator
Function
POWER
(input side)
G
Lit when power is supplied and the
Terminal is operating.
N
Not lit when power is not supplied.
Input indicator
O
Lit when the input signals are ON.
N
Not lit when the signals are OFF.
Note:
G: Green indicator lit; O: Orange indicator lit; N: Not lit
I/O Delay Selector Switch
I/O delay selector switch
3 ms
19.2 ms
High speed (typical: 3 ms)
Normal speed (typical: 19.2 ms)
Note:
Set the I/O delay time to the same setting as the Output
Unit. The factory setting is 19.2 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com