Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 72 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 72 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 68Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 69Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 70Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 71Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 72Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 73Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 74Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 75Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 76Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
B7AH
B7AH
70
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Input Models
B7AH-T6D3
B7AH-T6D8
Output Models
B7AH-R6D53
B7AH-R6D58
Side with marking
(see note)
Pin 23
Pin 1
Note:
The side with marking is at the front.
Side with marking
(see note)
Pin 26
Pin 1
Note:
The side with marking is at the front.
46.0 max.
51.0 max.
20.0 max.
4
±1.0
3.5 max.
0.5
±1.0
22
1.8=39.6
1.8
±0.2
3.6
±0.2
3.6
±0.2
4.5 max.
9.0 max.
5.0 max.
1.1
±0.2
20.0 max.
4
±1.0
0.35
±0.2
1.8
±0.2
25
1.8=45.0
3.6
±0.2
3.6
±0.2
0.5
±1.0
1.1
±0.2
3.5 max.
4.5 max.
9.0 max.
5.0 max.
0.35
±0.2
Installation
Pin Arrangement
Input Models
Output Models
Pin number
Function
Note:
1. The circled numbers in the block diagram
above are the pin numbers.
2. There are no pin numbers 2 and 4.
3. Pins 5 and 22 are connected internally.
Note:
1. The circled numbers in the block diagram
above are the pin numbers.
2. There are no pin numbers 2 and 4.
3. Pins 5 and 22 are connected internally.
12 to 24 VDC
± 10%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
+V
SIG
–V
IN00
IN01
IN02
IN03
IN04
IN05
IN06
IN07
IN08
IN09
IN10
IN11
IN12
IN13
IN14
IN15
VSS (0 V)
VDD (+5 V)
+V
SIG
–V
IN00
IN01
IN02
IN03
IN04
IN05
IN06
IN07
IN08
IN09
IN10
IN11
IN12
IN13
IN14
IN15
VSS
VDD
1
3
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
1
53
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Pin number
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
+V
SIG
–V
OUT00
OUT01
OUT02
OUT03
OUT04
OUT05
OUT06
OUT07
OUT08
OUT09
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
ERR
N/P
H/L
VSS (0 V)
VDD (+5 V)
+V
SIG
–V
OUT00
OUT01
OUT02
OUT03
OUT04
OUT05
OUT06
OUT07
OUT08
OUT09
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
ERR
N/P
H/L
VSS
VDD
1
3
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1
53
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
12 to 24 VDC
± 10%
5 VDC
± 10%
5 VDC
± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com