Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 100 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 100 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 96Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 97Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 98Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 99Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 100Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 101Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 102Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 103Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 104Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 121 page
background image
B7A
B7A
98
Operation
Note: The undermentioned is common for all B7A-series Link Terminals.
Connection of B7A and Programmable Controller
Each terminal of the B7A should be used for only single signal transmission without a transmission host. Therefore the B7A cannot be con-
nected to OMRON’s SYSMAC BUS Remote I/O System. To transmit signals from the B7A to a PLC, connect the B7A’s terminals to an I/O Unit
mounted on the PLC.
Refer to
B7A-series Models with PLC Connectors and Connecting PLCs on page 39 for details.
Recommended Combinations of I/O Unit and B7A
Output
Model
Conditions of PLC
C500 I/O Unit
C200H I/O Unit
ID213
ID218
ID219
ID212
ID215
ID501
ID216
ID217
12 to
24 VDC
12 to
24 VDC
24 VDC
24 VDC
24 VDC
5 VDC
24 VDC
24 VDC
+
common
+/–
common
+
common
+/–
common
+/–
common
+/–
common
+/–
common
+/–
common
16 points
32 points
64 points
16 points
32 points
32 points
32 points
64 points
B7A-R6B11
B7A-R6B31
B7A-R6B16
B7A-R6B36
B7A-R6A52
B7A-R6A57
B7AS-R6B11
B7AS-R6B31
B7AS-R6B16
B7AS-R6B36
B7AM-6BS
B7AM-8B11
B7AM-8B31
B7AM-8B16
B7AM-8B36
B7A-R10SC01
B7A-R10MC
DC or AC/DC input and + common
or +/– common (– common if the
PLC with non-voltage input is
used.)
Yes
Yes
Yes
Yes
Yes
Yes
(see note 1)
Yes
Yes
B7A-R6F11
B7A-R6F31
B7A-R6F16
B7A-R6F36
DC or AC/DC input and – common
or +/– common (+ common if the
PLC with non-voltage input is
used.)
No
Yes
No
Yes
Yes
No
Yes
Yes
Input
Model
Conditions of PLC
C500 I/O Unit
C200H I/O Unit
OC221
OD212
OD412
OC225
OD215
OD212
OD218
OD219
Relay
output
PNP
output
NPN
output
Relay
NPN
output
NPN
output
NPN
output
NPN
output
24 VDC
12 to
24 VDC
12 to
48 VDC
24 VDC
5 to
24 VDC
24 VDC
5 to
24 VDC
24 VDC
16 points
32 points
32 points
16 points
32 points
16 points
32 points
64 points
B7A-T6A1
B7A-T6A6
B7A-T6B1
B7A-T6B6
B7AS-T6B1
B7AS-T6B6
B7AM-6BS
B7AM-8B11
B7AM-8B31
B7AM-8B16
B7AM-8B36
B7A-T10S1
B7A-T10S3
NPN transistor output (residual
voltage must be 1.6 V max. if the
B7A has 10 output points.)
Relay output
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
B7A-T6C1
B7A-T6C6
PNP transistor output, relay output
Yes
Yes
No
Yes
No
No
No
No
B7A-T6D2
B7A-T6D7
TTL output (see note 1),
PNP transistor output
See note 2
Yes
See note 2
See note 2
See note 2
See note 2
See note 2
See note 2
B7A-T10M2
TTL output (see note 1)
See note 2
See note 2
See note 2
See note 2
See note 2
See note 2
See note 2
See note 2
Note:
1. An independent power supply for the PLC is required due to the difference in operating voltage between the PLC and B7A.
2. An external interface unit is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com