Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 104 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 104 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 100Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 101Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 102Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 103Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 104Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 105Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 106Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 107Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 108Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 121 page
background image
B7A
B7A
102
Transmission Errors and Output Signals
Transmission errors occur in the following cases:
• When the signal or 0-V wire is disconnected.
• When the signal is influenced by high-level external noise or the
signal is excessively deformed because the length of the
transmission path is more than the permissible distance.
• When the supply voltage to the Link Terminals are not within the
operating voltage range (12 to 24 V
±10%).
• Immediately after the Link Terminals are turned on.
(An error is reset within 300 ms after the power is turned on.)
Output Signals
HOLD: When an error occurs, the output signals just before the oc-
currence of the error will be maintained.
LOAD OFF: When an error occurs, all output signals will be turned
OFF.
Automatic Reset
When the error is corrected, the Link Terminals will automatically re-
set themselves.
I/O Status
Signal Configuration
Input Models
Type
Applicable
model
ON/OFF
Circuit
Suitable input
example
Screw
terminals
B7A-T6A1
B7A-T6A6
B7AM-6BS
B7AM-8B11
B7AM-8B31
B7AM-8B16
B7AM-8B36
B7A-T10S1
For switches
ON: Switch is closed.
OFF: Switch is open.
SW
IN
_
A3G Pushbutton
Switch (microload)
WL01
j
Limit Switch
B7A-T10S3
For photoelectric sensors and proximity sensors (NPN)
ON: Sensor signal is ON (residual voltage is 1.6 V max.).
OFF: Sensor signal is OFF.
+V
OUT
0 V
IN
+
_
Sensor
E2E-X
jE
Proximity Sensor
E3S Photoelectric
sensor
B7A-T6B1
B7AS-T6B1
B7A-T6B6
B7AS-T6B6
B7AM-6BS
B7AM-8B11
B7AM-8B31
B7AM-8B16
B7AM-8B36
For photoelectric sensors and proximity sensors (NPN)
ON: Sensor signal is ON (residual voltage is 4 V max.).
OFF: Sensor signal is OFF.
+V
OUT
0 V
IN
+
_
Sensor
B7A-T6A1
B7A-T6A6
B7A/S-T6B1
B7A/S-T6B6
B7AM-6BS
B7AM-8B11
B7AM-8B31
B7AM-8B16
B7AM-8B36
For proximity sensors (two-wire sensor with DC output)
ON: Sensor signal is ON (residual voltage is 4 V max.).
OFF: Sensor signal is OFF (leakage current is 1.5 mA
max.).
+V
0 V
IN
Sensor
E2E-XD-N 2-wire
DC Inductive
Proximity Sensor
B7A-T6C1
B7A-T6C6
B7AM-8F31
For switches
ON: Switch is closed.
OFF: Switch is open.
SW
+
IN
A3G Pushbutton
Switch (microload)
WL01
j Limit
Switch
For proximity sensors (two-wire sensor with DC output)
ON: Sensor signal is ON (residual voltage is 4 V max.).
OFF: Sensor signal is OFF (leakage current is 1.5 mA
max.).
+V
0 V
IN
+
Sensor
E2E-XD-N 2-wire
DC Inductive
Proximity Sensor
For photoelectric sensors and proximity sensors (PNP)
ON: Sensor signal is ON (residual voltage is 4 V max.).
OFF: Sensor signal is OFF.
+V
OUT
0 V
IN
+
_
Sensor
E2E-X
jF
Proximity Sensor
E3S Photoelectric
sensor (B-type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com