Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 105 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 105 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 101Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 102Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 103Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 104Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 105Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 106Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 107Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 108Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 109Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 121 page
background image
B7A
B7A
103
Type
Suitable input
example
Circuit
ON/OFF
Applicable
model
Module
(see
note)
B7A-T6D2
B7A-T6D7
B7A-T10M2
For switches
ON: Switch is closed.
OFF: Switch is open.
+V
IN
SW
A3G Pushbutton
Switch (microload)
WL01
j Limit
Switch
For NPN open-collector inputs
ON: Transistor is OFF.
OFF: Transistor is ON. (residual voltage is 0.8 V max.)
+V
OUT
IN
_
_
3G2A5-OD213
C200H-OD215
PLC Transistor
Output Unit
For PNP open-collector inputs
ON:
Transistor is ON.
OFF: Transistor is OFF.
+V
IN
OUT
+
C200H-OD216
C200H-OD217
PLC PNP Output
Unit
For IC (TTL, CMOS) inputs
ON: Output is 2.2 V min.
OFF: Output is 0.8 V max.
+5 V
+5 V
IN
IN
_
_
TTL
CMOS
3G2A5-OD501CN
C200H-OD501
PLC TTL Output
Unit
PLC
connector
B7A-T6E3
B7A-T6E8
B7A-T3E3
B7A-T3E8
For PLC output unit, NPN open collector
ON: Transistor ON
OFF: Transistor OFF
IN
OUT
COM
B7A
---
Note:
The positive input voltage range of the B7A-T6D
j modular model is 0 to 24 VDC and the positive input voltage of the B7A-T10M2
modular model is 5 VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com