Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 19Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 20Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 21Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 22Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 23Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 24Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 25Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 26Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 121 page
background image
B7A/B7AS
B7A/B7AS
21
Operation
Power Supply
There are normal-speed and high-speed 16-point models, which are different in recommended transmission cable and transmission distance.
If only a single power supply is connected to either the input model or output model, the current on the power line will be limited.
Screw Terminal Models
I/O Delay: Normal Speed
Connection of Independent Power Supplies
IN
SIG
SIG
(–)
+
(+)
SIG
SIG
(–)
+
(+)
OUT
ERR
ERROR
Transmission distance
500 m max.
SIG
Note:
A VCTF cable with a thickness of 0.75 mm2
min. must be used for signal transmission.
+–
DC power
supply
(12 to 24 V)
+–
DC power
supply
(12 to 24 V)
B7A/B7AS
B7A/B7AS
Connection of Single Power Supply to Input or Output Terminal
SIG
SIG
(–)
+
(+)
SIG
SIG
(–)
+
(+)
ERR
ERROR
+
IN
OUT
Note:
In this example, a VCTF transmission cable
with a thickness of 0.75 mm2 is used,
through which a current of 1.8 A max. can
be transmitted.
+–
DC power
supply
(24 V)
SIG
Transmission distance
100 m max.
B7A/B7AS
B7A/B7AS
I/O Delay: High Speed
Connection of Independent Power Supplies
SIG
SIG
(–)
+
(+)
SIG
SIG
(–)
+
(+)
ERR
ERROR
SIG
IN
OUT
Note:
In this example, a shielded cable with a thick-
ness of 0.75 mm2 min. is used for signal
transmission. It is recommended that the
shield be grounded.
The maximum transmission distance is 10 m if
a VCTF wire with a thickness of 0.75 mm2 is
used instead of a shielded cable for the trans-
mission path.
+–
DC power
supply
(12 to 24 V)
(12 to 24 V)
Transmission distance
100 m max.
Shielded cable
+–
DC power
supply
GND
B7A/B7AS
B7A/B7AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com