Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 32Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 33Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 34Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 35Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 36Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 37Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 38Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 39Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
B7A
B7A
34
Output Models
Item
16-point
32-point
B7A-R6A13/R6A18/R6A33/R6A38
B7A-R3A13/R3A33/R3A18/R3A38
Output configuration
NPN open collector
Current consumption
(see note)
50 mA max. with all input terminals ON
80 mA max. with all input terminals ON
Rated load voltage
5 to 24 VDC
Output residual voltage
0.8 V max.
Output current
Sync. current, 50 mA max./point
Error output
Rated load voltage: 0 to 30 VDC
Output current:
sync. current, 100 mA max./point
Mounting strength
No damage when 49-N pull is applied for 1 min each in all directions
Terminal strength
No damage when 49-N pull is applied for 1 min each in all directions
Tightening torque
0.78 to 1.18 N
S m
Weight
Approx. 46 g
Approx. 71 g
Note:
Consumption when all 16/32 points are ON. Excludes external load current and error load current for Output Terminals.
Nomenclature
16-point Terminal Models
I/O connector
Power terminals
OUTPUT SELECTOR
(Output Unit only)
Transmission
terminals
Power and error indicator
(also used as a terminal insulator)
32-point Terminal Models
I/O connector
Power terminals
Selector 2
(Output Unit only)
Selector 1
(Output Unit only)
Transmission
terminals
Power indicator (also used
as a terminal insulator)
ERR1 indicator (also used
as a terminal insulator)
ERR2 indicator (also used
as a terminal insulator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com