Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 43Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 44Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 45Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 46Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 47Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 48Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 49Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 50Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
G70D-B7A
G70D-B7A
45
General
G70D-R6R
j1-B7A (Relay Outputs)
Item
Specification
Contacts
16 SPST-NO contacts
Contact mechanism
Single
Contact material
Agco
Contact resistance (See note 1.)
100 m
Ω max.
Operating time
10 ms max.
Release time
10 ms max.
Maximum switching frequency
Mechanical
18,000 operations/hour
a
u
s
c
g
eque cy
Rated load
1,800 operations/hour
Insulation resistance
100 M
Ω min. (500 V)
Dielectric strength
1,000 VAC, 1 min between each terminal and external parts
Noise immunity
Power supply normal:
600 V, 10 min; pulse width: 100 ns to 1
µs
Power supply common:
1.5 kV, 10 min; pulse width: 100 ns to 1
µs
Transmission path wrapping: 1.5 kV, 10 min; pulse width: 100 ns to 1
µs
Link Terminal wrapping:
600 V, 10 min; pulse width: 100 ns to 1
µs
Vibration resistance
Destruction
10 to 55 Hz, 1.0-mm double amplitude for 2 hours each in X, Y, and Z
directions
Malfunction
10 to 55 Hz, 0.75-mm double amplitude for 2 hours each in X, Y, and Z
directions
Shock resistance
Destruction
300 m/s2
Soc
es s ace
Malfunction
100 m/s2
Operating voltage range
24 VDC +10%/–15%
Current consumption (See note 2.)
24 VDC, approx. 300 mA
Cable length (between Unit and connected device)
Depends on the load
Color of indicators
Operation indicator: orange
Power supply indicator: green (red for errors)
Coil surge suppressor
Diode (400 V, 300 mA)
Ambient temperature
Operating: 0 to 55
°C
Storage:
–20 to 65
°C
Ambient humidity
Operating: 35% to 85%
Mounting strength
No damage when 49-N pull is applied for 1 s each in all directions (only 9.8-N
pull in direction of DIN track)
Terminal strength
Tightening strength: 0.78 to 0.98 N
⋅m
Tensile strength: 49 N for 1 minute
Weight
Approx. 230 g
Note:
1. The values above are for the Terminal in its initial state.
2. The contact resistance given is for 1 A at 5 VDC.
3. The value given for current consumption is for when all points are ON and includes the relay coil current for the G6D. It does not
include the current for external loads or error output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com