Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 64 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 64 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 60Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 61Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 62Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 63Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 64Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 65Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 66Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 67Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 68Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
B7AM-8
j
B7AM-8
j
62
I/O Delay: High Speed
Connection of Independent Power Supplies
Connection of Single Power Supply to Input or Output Terminal
Note:
A shielded cable with a thickness of 0.75 mm2 min. must be used for signal transmission. It is recommended that the shield
be grounded.
The maximum transmission distance is 10 m if a VCTF wire with a thickness of 0.75 mm2 is used instead of a shielded cable
for the transmission path.
Note:
In this example, a shielded transmission cable with a thickness of 0.75 mm2 min. is used, through which a current of 1.8 A
max. can be transmitted. It is recommended that the shield be grounded.
The maximum transmission distance is 10 m if a VCTF wire with a thickness of 0.75 mm2 is used instead of a shielded
cable for the transmission path.
SIG
Shield
+
SIG1
IN0
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
+
OUT0
B0
OUT1
B1
OUT 2
B2
OUT3
B3
OUT4
B4
OUT5
B5
OUT6
B6
OUT7
B7
SIG2
ERR
IN
OUT
+
SIG1
IN0
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
+
OUT0
B0
OUT1
B1
OUT 2
B2
OUT3
B3
OUT4
B4
OUT5
B5
OUT6
B6
OUT7
B7
SIG2
ERR
IN
OUT
DC power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
+
SIG
GND
SIG1
SIG2
Transmission distance
50 m max.
+
SIG2
SIG1
+
SIG1
IN0
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
+
OUT0
B0
OUT1
B1
OUT 2
B2
OUT3
B3
OUT4
B4
OUT5
B5
OUT6
B6
OUT7
B7
SIG2
ERR
SIG
Shield
+
SIG1
IN0
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
+
OUT0
B0
OUT1
B1
OUT 2
B2
OUT3
B3
OUT4
B4
OUT5
B5
OUT6
B6
OUT7
B7
SIG2
ERR
IN
OUT
+
SIG1
IN0
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
+
OUT0
B0
OUT1
B1
OUT 2
B2
OUT3
B3
OUT4
B4
OUT5
B5
OUT6
B6
OUT7
B7
SIG2
ERR
IN
OUT
DC power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
Power
supply
+
SIG
GND
DC power
supply
+
SIG1
SIG2
Transmission distance
100 m max.
SIG1
SIG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com