Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 98 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 98 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 94Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 95Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 96Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 97Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 98Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 99Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 100Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 101Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 102Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 121 page
background image
96
B7A Interface Units for CS1/C200HS/HX/HG/HE PLCs
C200H-B7A
Ideal for reducing wiring between
CS1-series and C200HS/HX/HG/HE
PLCs and I/O devices installed up to
500 m away
Mount like any other PLC Unit to reduce wiring and
save space.
Select from the following 6 types according to the
number of I/O points required: models with
16 inputs, 16 outputs, 32 inputs, 32 outputs,
16 inputs and 16 outputs, or 32 inputs and
32 outputs.
I/O data exchange with B7A Link Terminals enables
connection to I/O devices such as switches and
lamps in remote locations without special consider-
ation of communications.
Use like a basic I/O Unit or Group-2 Unit. Special
I/O Unit mounting restrictions do not apply.
Both normal I/O delay and short I/O delay available
with each model (except 16-input and 16-output
models).
Ordering Information
Connectable B7A Link Terminals
Input Models
Type
Model
I/O delay time
Screw terminal
dl
B7A-T6
j1
Normal speed:
19 2
Sc e
e
a
models
B7AS-T6
j1
o
a s eed
19.2 ms
B7A-T6
j6
High speed: 3 ms
B7AS-T6
j6
g s eed 3
s
B7AS-T3BS
Switchable
B7AM-6BS
S
c ab e
Modular models
B7A-T6D2
Normal speed:
19.2 ms
B7A-T6D7
High speed: 3 ms
Hybrid IC models
B7AH-T6D3
Normal speed:
19.2 ms
B7AH-T6D8
High speed: 3 ms
PLC connector
models
B7A-T6E3
Normal speed:
19.2 ms
B7A-T6E8
High speed: 3 ms
B7A-T3E3
Normal speed:
19.2 ms
B7A-T3E8
High speed: 3 ms
Output Models
Type
Model
I/O delay time
Screw terminal
dl
B7A-R6
jj1
Normal speed:
19 2
Sc e
e
a
models
B7AS-R6
jj1
o
a s eed
19.2 ms
B7A-R6
jj6
High speed: 3 ms
B7AS-R6
jj6
g s eed 3
s
B7AM-6BS
Switchable
G70D-R6R
j1-B7A
Normal speed:
19 2
G70D-R6M
j1-B7A
o
a s eed
19.2 ms
Modular models
B7A-R6A52
Normal speed:
19.2 ms
B7A-R6A57
High speed: 3 ms
Hybrid IC models
B7AH-R6D53
Normal speed:
19.2 ms
B7AH-R6D58
High speed: 3 ms
PLC connector
models
B7A-R6A
j3
Normal speed:
19.2 ms
B7A-R6A
j8
High speed: 3 ms
B7A-R3A
j3
Normal speed:
19.2 ms
B7A-R3A
j8
High speed: 3 ms
Note:
Use combinations of B7A Interface Units and B7A Link Ter-
minals that have the same I/O delay time. Connection is not
possible for 10-point B7A LInk Terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com