Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 68 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 64Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 65Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 66Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 67Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 68Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 69Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 70Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 71Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 121 page
background image
66
Hybrid IC Link Terminals
B7AH
Slim 16-point Hybrid IC Link Terminals
that Mount to PCBs
Dimensions of input model: 46
× 9 × 20 mm (W × D ×
H)
Dimensions of output model: 51
× 9 × 20 mm (W × D
× H)
Normal-speed models (typical I/O delay time:
19.2 ms) and high-speed models (typical I/O delay
time: 3 ms) available.
Ordering Information
Product List
Input Models
I/O classification
Wiring
Appearance
I/O delay time
Input configuration
Model
Input (transmission)
Hybrid IC
Normal speed
(typical: 19.2 ms)
CMOS input
B7AH-T6D3
High speed (typical:
3 ms)
B7AH-T6D8
Output Models
I/O classification
Wiring
Appearance
I/O delay time
Output
configuration
Error
processing
Model
Output
(reception)
Hybrid IC
Normal speed
(typical: 19.2 ms)
CMOS output
2 mA/point
HOLD
LOAD OFF
(S l
t bl )
B7AH-R6D53
()
High speed
(typical: 3 ms)
(Selectable)
B7AH-R6D58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com