Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 108 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 108 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 104Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 105Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 106Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 107Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 108Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 109Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 110Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 111Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 112Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 121 page
background image
B7A
B7A
106
Recommended Cables
For B7A with Normal I/O Delay
Cabtire Cable
When a single power supply is connected to either the Input Termi-
nal or Output Terminal:
VCTF 0.75 x 4 C (B7AM)
VCTF 0.75 x 3 C (B7A/S/C)
When independent power supplies are connected to both Link Ter-
minals:
VCTF 0.75 x 3 C (B7AM)
VCTF 0.75 x 2 C (B7A/S)
The following cable can also be used.
Twisted Pair Wire
When a single power supply is connected to either the Input Termi-
nal or Output Terminal, the thickness of the wire must be 0.75 mm2
or greater.
Transmission distance: 100 m max.
For B7A with Short I/O Delay
Shielded Wire
Use a shielded wire with a thickness of 0.75 mm2 min.
Color
Screw Terminal Models
Marked “IN” in white
ink. The background is
red.
Input Terminal
Output Terminal
Marked “OUT” in black ink.
The background is yellow.
Mounting
To mount the Input or Output Terminal to a DIN track, hook the upper
part (part (A) in the illustration) of the Input or Output Terminal on the
DIN track first. Then press the Input or Output Terminal in the (B)
direction.
(A)
(B)
When mounting more than two Input or Output Terminals side by
side, leave a space of 3 mm minimum between each Terminal.
It is recommended that PFP-S Spacers be used to secure a space
of 3 mm between each Input or Output Terminal.
3mm min.
Insert a flat-blade screwdriver to part (C) to dismount the Input or
Output Terminal from a DIN track.
(C)
30mm min.
Rail stopper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com