Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 112 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 112 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 108Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 109Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 110Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 111Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 112Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 116Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 121 page
background image
B7AP
B7AP
110
Operation
Power Supplies
Signal and Power Transmission (with Power Supplied to B7AP-S1)
Note:
1. The thickness of the extension cable for the B7AP-S1 Power Coupler must be 0.75 mm2 min.
2. No extension cable can be connected to the B7AP-M1 Power Coupler. Use the original 2-m cable
connected to the B7AP-M1 Power Coupler.
3. Refer to
page
21, B7A Models for the maximum input points of the B7A Input Unit.
4. No PLC or three-wire sensor can be connected to the B7A Input Unit.
Brown
Black
Blue
Brown
Black
Blue
B7A-R Output
Unit
B7A-T Input Unit
Extension cable
(96 m max.)
2 m
(standard)
Transmission
distance: 8
±1.5 mm
Total length: 100 m max.
2 m
(standard)
24 VDC
±10%
Signal Transmission Only (with Power Supplied to B7AP-S1 and B7AP-M1)
Note:
1. The thickness of the extension cable for the B7AP-S1 or B7AP-M1 Power Coupler must be 0.75 mm2
min.
2. For transmitting signals only, the brown lead wire of the B7AP-M1 Power Coupler must not be used.
Insulate the brown lead wire with insulation tape so that the brown wire will not come in contact with any
lead wire.
3. The maximum input points of the B7A Input Unit are available.
4. PLCs and three-wire sensors can be connected to the B7A Input Unit.
Brown
Black
Blue
Brown
Black
Blue
B7A-R Output
Unit
24 VDC
±10%
Transmission
distance: 8
±1.5 mm
Total length: 500 m max.
Extension cable
(96 m max.)
2 m
(standard)
2 m
(standard)
Extension cable
(400m max.)
B7A Input
Unit
12 to 24 VDC
Open
(no connection)
Indicators
Indicators
Function
Power indicator
(B7AP-S1)
Lit
Lit when power is supplied to the Power Coupler.
Not lit
Not lit when power is not supplied to the Power Coupler.
Operation indicator
(B7AP-M1)
Lit
Lit when the B7AP-M1 and B7AP-S1 Power Couplers are properly set for wireless signal or
power transmission at a transmission distance of 8
±1.5 mm.
Not lit
Not lit when the B7AP-M1 and B7AP-S1 Power Couplers are not properly set for wireless
signal or power transmission, or the B7AP-M1 Power Coupler has excessive loads.
B7AP-S1
B7AP-M1
Power indicator
Operation indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com