Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 114 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 114 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 110Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 111Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 112Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 117Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 118Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 121 page
background image
B7AP
B7AP
112
Precautions
General Precautions
Be careful when touching the B7AP-S1 Power Coupler during op-
eration because the surface temperature of the B7AP-S1 Power
Coupler will rise approximately 20
°C after the B7AP-S1 Power Cou-
pler starts power transmission. The surface temperature varies with
the load of the sensing device connected to the B7AP-M1 Power
Coupler and the transmission distance.
Correct Use
Handling
Use the B7AP-S1 and B7AP-M1 Power Couplers with the available
B7A Link Terminals. Refer to
page
21, B7A Models.
The M7E-12
jj Display Unit, M7E-20jj Display Unit, and B7A
Link Terminals with an I/O delay time of 3 ms cannot be used with the
B7AP-S1 or B7AP-M1 Power Coupler.
Use the LOAD-OFF model for the B7A Output Unit to be connected
to the B7AP-S1. When using a model that allows selection of error
processing, set to the LOAD-OFF mode. This turns OFF signals
right before an occurrence of a transmission error and prevents un-
expected signal transmission when the transmission error is
cleared.
Separate the Power Couplers 8
±1.5 mm min. away from each other.
The distance between the Power Couplers on standby must be 30
mm or more.
30 mm min.
Do not supply power to the B7AP-S1 or B7AP-M1 Power Coupler
while connecting the Power Couplers to the B7A Link Terminals.
Connect the Power Couplers to the B7A Link Terminals correctly,
otherwise the internal circuits of the Power Couplers may be dam-
aged.
The SIG terminal must not contact with the power supply terminals,
otherwise the internal elements may be damaged and normal trans-
mission may not be possible.
Brown(+)
Black(SIG)
Blue(–)
Brown(+)
Black(SIG)
Blue(–)
Brown(+)
Black(SIG)
Blue(–)
Correct
Incorrect
Incorrect
Contact
Wire the cables of the B7AP-S1 and B7AP-M1 Power Couplers
through independent metal conduits to prevent the Power Couplers
from being influenced by noise if there are power or high-tension
lines nearby. Test the Power Couplers and make sure that the Pow-
er Couplers operate normally before they are put in actual opera-
tion.
Metal conduit
Power or high-tension line
Correct
Incorrect
Do not subject the head of the B7AP-S1 or B7AP-M1 Power Cou-
pler to excessive shock with hard objects.
Do not use the B7AP-S1 or B7AP-M1 Power Coupler outdoors un-
less it is properly protected.
The B7AP-S1 and B7AP-M1 Power Couplers are products meeting
the requirements of IP67. The B7AP-S1 or B7AP-M1 Power Cou-
pler cannot be, however, used in water or oil.
Keep the heads of the B7AP-S1 and B7AP-M1 Power Couplers free
from dust, otherwise improper signal or power transmission may re-
sult between the Power Couplers.
Mounting
Use nuts and serrated toothed washers and tighten the nuts to
mount the B7AP-S1 and B7AP-M1 Power Couplers. The tightening
torque applied to each of the nuts must be 39 N
S m maximum. The
mounting position will change and improper signal or power trans-
mission may result between the Power Couplers if the nuts are not
tightened properly.
39 N
Sm max.
Transmission Distance for Stable Signal and
Power Transmission
The B7AP-S1 Power Coupler has a gauge that is used to adjust the
transmission distance between the B7AP-S1 and B7AP-M1 Power
Couplers. Use the gauge to adjust the transmission distance to
8 mm, make sure that the green operation indicator of the B7AP-M1
Power Coupler is lit, and the B7A Output Unit has no error output
before operating the Power Couplers.
Gauge
Operation
indicator
8 mm
Monitoring Transmission Status
Judge from the power supply/error indicator and error output of the
B7A Output Unit whether the B7AP-S1 and B7AP-M1 Power Cou-
plers are facing each other properly.
The error output of the B7A Output Unit will be ON when the B7AP-
S1 and B7AP-M1 Power Couplers are not facing each other proper-
ly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com