Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 117 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 117 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 117Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 118Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 119Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 120Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 121Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
B7A
B7A
115
2. The 16-point B7A-T6A
j and 16-point B7A-T6Bj are different from each other in terminal configuration. Refer to page 25 for de-
tails.
3. N-channel MOS-FET open drain output
4. P-channel MOS-FET open drain output
Modular Models
Appearance
Model
I/O
classification
I/O
configuration
I/O delay time
(typical)
Error processing
(see note)
Approved
standards
B7A-T6D2
Input
TTL input
Normal speed
19.2 ms
---
---
B7A-T6D7
High speed 3 ms
---
B7A-R6A52
Output
NPN open
collector
50
A/
i t
Normal speed
19.2 ms
HOLD/LOAD OFF
selected by wiring
B7A-R6A57
50 mA/point
High speed 3 ms
yg
B7A-T6D7-D
Input
NPN input
High speed 3 ms
---
---
B7AH-T6D3
Input
CMOS input
Normal speed
19.2 ms
---
---
B7AH-T6D8
Input
High speed 3 ms
---
B7A-R6A57-D
Output
NPN open
collector
50 mA/point
High speed 3 ms
HOLD/LOAD OFF
selected by wiring
---
B7AH-R6D53
Output
CMOS output
2 mA/point
Normal speed
19.2 ms
HOLD/LOAD OFF
selected by wiring
---
B7AH-R6D58
Output
High speed 3 ms
Note:
HOLD:
The previous output condition will be on hold when an error results.
LOAD OFF: All outputs will be OFF when an error results.
Terminals with PLC Connector
16-point Terminal Models
Appearance
Model
I/O
classification
I/O
configuration
I/O delay time
(typical)
Error
processing
Approved
standards
B7A-T6E3
Input
NPN compatible
Normal speed
19.2 ms
---
U, C, CE
B7A-T6E8
High speed 3 ms
---
B7A-R6A13
Output
NPN open
collector
50
A/
i t
Normal speed
19.2 ms
HOLD
B7A-R6A33
50 mA/point
LOAD OFF
B7A-R6A18
High speed 3 ms
HOLD
B7A-R6A38
LOAD OFF
32-point Terminal Models
Appearance
Model
I/O
classification
I/O
configuration
I/O delay time
(typical)
Error
processing
Approved
standards
B7A-T3E3
Input
NPN compatible
Normal speed
19.2 ms
---
U, C, CE
B7A-T3E8
High speed 3 ms
---
B7A-R3A13
Output
NPN open
collector
50
A/
i t
Normal speed
19.2 ms
HOLD
B7A-R3A33
50 mA/point
LOAD OFF
B7A-R3A18
High speed 3 ms
HOLD
B7A-R3A38
LOAD OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com