Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 119 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 119 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 117Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 118Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 119Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 120Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 121Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
B7A
B7A
117
Modular Models
Appearance
Model
I/O
classification
I/O configuration
Error processing (see
note 1)
Approved
standards
B7A-T10M2
Input
TTL input
---
---
B7A-R10MC
Output
NPN open collector 50
mA/point
HOLD
Note:
HOLD: The previous output condition will be on hold when an error results.
Power Couplers
Appearance
Model
Classification
I/O delay time
(typical)
Communications
method
Transmission
distance
Approved
standards
B71AP-S1
(see note)
Stationary Unit
Normal speed
19.2 ms
Unidirectional,
time-division
multiplex
8
±1.5 mm
(couplers)
U, CU
B7AP-M1
Moving Unit
Note:
The B7AP-S1 Power Coupler has a gauge that is used to adjust the transmission distance between the B7AP-S1 and B7AP-M1 Power
Couplers.
DeviceNet B7AC Interface Terminal (10 Input Points
× 3)
Appearance
Model
I/O connection
configuration
I/O delay time
(typical)
Number of ports
Number of I/O
points
Approved
standards
DRT1-B7AC
FA connector
Normal speed
19.2 ms
High speed 3 ms
3
30 points
(10 points
×
3 ports)
U, CU, CE
B7A Interface Units for CQM1/CQM1H PLCs
Appearance
Model
I/O
classification
Number of I/O
points
I/O delay
time
(typical)
Error
processing
Number of
I/O Unit
words
allocated
Approved
standards
CQM1-B7A21
Input and
output
Input:
16 points
Output:
16 points
Normal speed
19.2 ms
High speed
3 ms
(See note 1.)
HOLD/LOAD
OFF (input
only) (See
note 2.)
Input: 1 word
Output:
1 word
(total:
2 words)
---
CQM1-B7A13
Input
32 points
(16 points
×
2 ports)
()
HOLD/LOAD
OFF (See
note 2.)
Input:
2 words
U, C
CQM1-B7A12
16 points
)
Input: 1 word
CQM1-B7A03
Output
32 points
(16 points
×
2 ports)
---
Output:
2 words
U, C
CQM1-B7A02
16 points
Output:
1 word
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com