Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 115 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 115 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 111Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 112Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 117Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 118Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 119Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 121 page
background image
B7AP
B7AP
113
Minimum Distance between Power Couplers
Mounted in Parallel
When mounting the B7AP-S1 and B7AP-M1 Power Couplers in par-
allel, refer to the following table. Keep at least the specified mini-
mum distance between adjacent Power Couplers for proper heat
radiation by considering the temperature rise (approximately 20
°C)
of the B7AP-S1 Power Couplers in operation.
Item
B7AP-S1
B7AP-M1
60 mm
60 mm
Effects of Surrounding Metal
The B7AP Power Coupler may malfunction when affected by sur-
rounding metal. When mounting the B7AP within a metal panel, en-
sure that the clearances given in the following table are maintained.
Be sure to check in advance that the B7AP operates properly.
d dia.
Item
B7AP-S1
B7AP-M1
20 mm
20 mm
d
60 mm dia.
60 mm dia.
D
20 mm
20 mm
n
60 mm
60 mm
Maintenance
Regularly check the following for the stable operation of the B7AP-
S1 and B7AP-M1 Power Couplers.
• The mounting positions and the tightening of the mounting nuts.
• The tightening, contacts, and breaking of the lead wires.
• Dust accumulation on the heads.
• The ambient operating temperature and other operating
conditions.
• The transmission distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com