Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D58 Datasheet(PDF) 110 Page - Omron Electronics LLC

Part # B7AH-R6D58
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D58 Datasheet(HTML) 110 Page - Omron Electronics LLC

Back Button B7AH-R6D58 Datasheet HTML 106Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 107Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 108Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 109Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 110Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 111Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 112Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D58 Datasheet HTML 114Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 121 page
background image
B7AP
B7AP
108
Note:
1. The maximum I/O points refers the maximum I/O points handled simultaneously by the B7A Input and Output Units. Figures in
parentheses indicate the maximum I/O points handled simultaneously by the B7A Input and Output Units each connected with an
independent power supply. Refer to
Power Supplies on page 110.
2. The maximum I/O points are the same as the maximum input points of the B7A Input Unit connected to the B7AP-M1.
3. PLCs and three-wire sensors can be connected only if the B7A Input and Output Units are each connected with an independent
power supply. Refer to
Power Supplies on page 110.
Specifications
Communications Specifications
Communications method
Unidirectional, time-division multiplex
Transmission distance (couplers)
8
±1.5 mm
Transmission distance (B7A)
100 m max. (see note 1)
I/O delay time
Typical:
19.2 ms; 31 ms max.
Minimum coupler interfacing time
0.3 s (see note 2)
Minimum distance between Power
Couplers mounted in parallel
60 mm
Note:
1. The value is for the case where a power supply is provided only for the B7AP-S1.
2. Minimum coupler interfacing time is the minimum time required for signal and power transmission between the B7AP-S1 and
B7AP-M1 Power Couplers.
Characteristics
Item
B7AP-S1
B7AP-M1
Power supply voltage
24 VDC
±10%
---
Current consumption
300 mA
---
Insulation resistance
100 M
Ω min. (at 500 VDC) between each lead wire and external parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between each lead wire and external parts
Noise immunity
Noise level: 1.5 kV; pulse width: 100 ns to 1
µs (on transmission line due to coupling)
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
500 m/s2
Ambient temperature
Operating: –10 to 55
°C (with no icing or condensation)
Storage:
–25 to 65
°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 95% (with no condensation)
Cable pulling strength
49 N
Nut tightening strength
39 N
S m
Enclosure rating
IEC IP67
Maximum cable length
2 m
Weight
Approx. 300 g
Approx. 230 g
EMC
Radiated Emissions:
EN55022 class A
Radiated Immunity:
prEN50082-2
Electrostatic Discharge:
prEN50082-2
Burst Transients:
prEN50082-2
Approved standards
UL508
Conforms to EN50081-2, EN50082-2
Moving Unit Specifications
Output voltage
12 VDC
±10%
Output current
38 mA
Note:
Use the Moving Unit so that the total current consumption of all input devices is 38 mA max. if power is supplied to the input devices
through the Moving Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com