Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 133 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 133 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 129Page - Texas Instruments DRA821U2...ALM Datasheet HTML 130Page - Texas Instruments DRA821U2...ALM Datasheet HTML 131Page - Texas Instruments DRA821U2...ALM Datasheet HTML 132Page - Texas Instruments DRA821U2...ALM Datasheet HTML 133Page - Texas Instruments DRA821U2...ALM Datasheet HTML 134Page - Texas Instruments DRA821U2...ALM Datasheet HTML 135Page - Texas Instruments DRA821U2...ALM Datasheet HTML 136Page - Texas Instruments DRA821U2...ALM Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 252 page
background image
Figure 7-23 shows the external input clock sources and the output clocks to peripherals.
DEVICE
MCU_SYSCLKOUT0
Selects Main PLL output divide-by-6
External main crystal interface pins connected to internal oscillator
which provides reference clock to PLLs within MCU domain
and MAIN domain.
Optional pins to provide reference clock input to the PLLs.
OSC1_XI
OSC1_XO
SYSCLKOUT0
J7ES_CLOCK_01
External Low frequency interface pin connected to internal oscillator
which provides a 32.768 KHz clock for low power operation
in deeper sleep modes.
WKUP_LFOSC0_XI
External Wake-up crystal interface pins connected to internal oscillator
which provides reference clock to PLLs within MAIN domain, and
audio clock frequencies to MCASPs.
WKUP_OSC0_XI
WKUP_OSC0_XO
TCK
MCU_EXT_REFCLK0 / EXT_REFCLK1
Optional external System clock inputs - (MCU domain) / (MAIN domain)
JTAG Clock Input
MCU_CLKOUT0
CLKOUT
CPTS reference clock input for CPTS_RFT_CLK / MCU_CPTS_RFT_CLK
MCU_CPTS0_RFT_CLK / CPTS0_RFT_CLK
MCU_PORz / PORz
MCU_RESETz/ RESET_REQz
MCU Warm Reset Input / Device Warm Reset Input
BOOTMODE[07:00]
MCU Power ON Reset / Device Power ON Reset
Boot Mode Configuration / devices select
MCU_BOOTMODE[09:00]
MCU Boot Mode system clock speed and fail-safe boot device
DDR0_CKP / DDR0_CKN
DDR Differential Clock outputs
SERDES0_REFCLK_P/N
SerDes reference clock input for PCIe or Optional USB3 and SGMII interfaces
MCU_OBSCLK0 / OBSCLK[2:0]
Observation clock outputs for MCU Domain clock / MAIN Domain clocks
External audio reference clock input/output pins
AUDIO_EXT_REFCLK[1:0]
Reference clock output for Ethernet PHYs (50MHz or 25MHz)
Reference clock output
Figure 7-23. Input Clocks Interface
For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the
device TRM.
7.9.4.1.1 WKUP_OSC0 Internal Oscillator Clock Source
Figure 7-24 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit should be placed as close as possible to the WKUP_OSC0_XI and WKUP_OSC0_XO pins.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com