Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 220 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 220 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 216Page - Texas Instruments DRA821U2...ALM Datasheet HTML 217Page - Texas Instruments DRA821U2...ALM Datasheet HTML 218Page - Texas Instruments DRA821U2...ALM Datasheet HTML 219Page - Texas Instruments DRA821U2...ALM Datasheet HTML 220Page - Texas Instruments DRA821U2...ALM Datasheet HTML 221Page - Texas Instruments DRA821U2...ALM Datasheet HTML 222Page - Texas Instruments DRA821U2...ALM Datasheet HTML 223Page - Texas Instruments DRA821U2...ALM Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 252 page
background image
8 Detailed Description
8.1 Overview
Jacinto™ DRA821x processors, based on the Armv8 64-bit architecture, are System-on-Chip (SoCs) that provide
lower system cost through integration of features including system MCU, Ethernet switch, safety, security. Multi-
core system enables ECU consolidation for automotive applications such as automotive gateway and vehicle
compute systems. The integrated diagnostics and functional safety features are targeted to ASIL-D certification/
requirements. The Integrated Microcontroller (MCU) island eliminates the need for an external system MCU.
In addition to the PCIe hub, the device features up to four Gigabit Ethernet ports with integrated switch to
meet networking use cases that require heavy data bandwidth and also includes PCIe hub functionality. Twenty
CAN-FD and up to twelve UART interfaces are available on the device. Up to four general purpose Arm®
Cortex®-R5F subsystems can handle low level, timing critical processing tasks and leave the Arm® Cortex®-
A72’s unencumbered for advanced applications.
Note
For more information on features, subsystems, and architecture of superset device System on Chip
(SoC), see the device TRM.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
220
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com