Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 241 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 241 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 237Page - Texas Instruments DRA821U2...ALM Datasheet HTML 238Page - Texas Instruments DRA821U2...ALM Datasheet HTML 239Page - Texas Instruments DRA821U2...ALM Datasheet HTML 240Page - Texas Instruments DRA821U2...ALM Datasheet HTML 241Page - Texas Instruments DRA821U2...ALM Datasheet HTML 242Page - Texas Instruments DRA821U2...ALM Datasheet HTML 243Page - Texas Instruments DRA821U2...ALM Datasheet HTML 244Page - Texas Instruments DRA821U2...ALM Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 252 page
background image
10.1.2 Device Naming Convention
Table 10-1. Nomenclature Description
FIELD
PARAMETER
FIELD
DESCRIPTION
VALUE
DESCRIPTION
MARKING
ORDERABLE
x(1)
Device Evolution
Stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
Production
BBBBBBBB(3)
Base Production
Part Number
J7200
See Table 5-1, Device Comparison
DRA821U4
DRA821U2
z
Device Speed
T
See Table 7-1, Speed Grade Maximum Frequency
L
E
C
OTHER
Alternate speed grade
Y
Device Type(4)
G
General purpose
C
General purpose, R5F Lockstep capable
0
High Security capable
5
High Security capable, R5F Lockstep capable
R
High Security Prime(4) capable, R5F Lockstep capable
D
High Security capable, R5F Lockstep capable, Customer Dev
Keys (Preview)(5)
P
High Security Prime(4) capable, R5F Lockstep capable,
Customer Dev Keys (Preview)(5)
r
Device Revision
A or BLANK
SR 1.0
B
SR 2.0
PPP
Package Designator
ALM
ALM FCBGA-N433 (17.2 mm × 17.2 mm) Package
c
Carrier Designator
N/A
BLANK
Tray
Carrier Designator
N/A
R
Tape and Reel
Q1(2)
Automotive
Designator
BLANK
Not automotive qualified.
Supports TJ = –40 °C to 105 °C
Q1
Meets AEC-Q100 qualification requirements, with exceptions as
specified in this document (data sheet)
Supports TJ = –40 °C to 125 °C
XXXXXXX
Lot Trace Code
As Marked
N/A
Lot Trace Code (LTC)
YYY
Production Code
As Marked
N/A
Production Code; For TI use only
ZZZ
Production Code
As Marked
N/A
Production Code; For TI use only
O
Pin one
As Marked
N/A
Pin one designator
G1
ECAT
As Marked
N/A
ECAT—Green package designato
(1)
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2)
Applies to device max junction temperature.
(3)
XJ7200GALM base part number with X speed grade indicator is the part number for the superset device. Software should constrain
the features and speed used to match the intended production device.
(4)
For High Security (HS) device support, TI recommends the 0, 5 or D device types. The R and P (High Security Prime) device types are
not recommended for most applications, as extra steps are required in the manufacturing process and, therefore, these device types
are offered at a higher price point.
(5)
Only available on preproduction J7200 devices. (Advance Information/Preview)
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
241
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com