Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 186 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 186 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 182Page - Microchip Technology KSZ9567R Datasheet HTML 183Page - Microchip Technology KSZ9567R Datasheet HTML 184Page - Microchip Technology KSZ9567R Datasheet HTML 185Page - Microchip Technology KSZ9567R Datasheet HTML 186Page - Microchip Technology KSZ9567R Datasheet HTML 187Page - Microchip Technology KSZ9567R Datasheet HTML 188Page - Microchip Technology KSZ9567R Datasheet HTML 189Page - Microchip Technology KSZ9567R Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 232 page
background image
KSZ9567R
DS00002329D-page 186
 2017-2019 Microchip Technology Inc.
5.2.11.10
Port PTP Timestamp Interrupt Status Register
Address:
0xNC14 - 0xNC15
Port N: 1-7
Size:
16 bits
Bits
Description
Type
Default
15
Port N Egress Timestamp for Sync Frame Interrupt Status
(TS_SYNC_INT_STATUS)
When this bit is set to 1, it indicates that the egress timestamp is available
from Port N for the Sync frame.
This bit is logical OR’ed together with the rest of the bits in this register and
the output is shown as the PTP Interrupt Status bit in the Port Interrupt Status
Register.
R/W1C
0b
14
Port N Egress Timestamp for Pdelay_Req and Delay_Req Frames
Interrupt Status (TS_PDLY_REQ_INT_STATUS)
When this bit is set to 1, it indicates that the egress timestamp is available
from Port N for the Pdelay_Req and Delay_Req frames.
This bit is logical OR’ed together with the rest of the bits in this register and
the output is shown as the PTP Interrupt Status bit in the Port Interrupt Status
Register.
R/W1C
0b
13
Port N Egress Timestamp for Pdelay_Resp Frame Interrupt Status
(TS_PDLY_RESP_INT_STATUS)
When this bit is set to 1, it indicates that the egress timestamp is available
from Port N for the Pdelay_Resp frame.
This bit is logical OR’ed together with the rest of the bits in this register and
the output is shown as the PTP Interrupt Status bit in the Port Interrupt Status
Register.
R/W1C
0b
12:0
RESERVED
RO
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com