Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 187 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 187 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 183Page - Microchip Technology KSZ9567R Datasheet HTML 184Page - Microchip Technology KSZ9567R Datasheet HTML 185Page - Microchip Technology KSZ9567R Datasheet HTML 186Page - Microchip Technology KSZ9567R Datasheet HTML 187Page - Microchip Technology KSZ9567R Datasheet HTML 188Page - Microchip Technology KSZ9567R Datasheet HTML 189Page - Microchip Technology KSZ9567R Datasheet HTML 190Page - Microchip Technology KSZ9567R Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 187
KSZ9567R
5.2.11.11
Port PTP Timestamp Interrupt Enable Register
5.2.11.12
Port PTP Link Delay Register
Address:
0xNC16 - 0xNC17
Port N: 1-7
Size:
16 bits
Bits
Description
Type
Default
15
Port N Egress Timestamp for Sync Frame Interrupt Enable
(TS_SYNC_INT_ENB)
When this bit is set to 1, the egress timestamp interrupt from Port N for the
Sync frame is enabled.
This bit is logical OR’ed together with the rest of the bits in this register and
the output is shown as the PTP Interrupt Enable bit in the Port Interrupt Mask
Register.
R/W
0b
14
Port N Egress Timestamp for Pdelay_Req and Delay_Req Frames
Interrupt Enable (TS_PDLY_REQ_INT_ENB)
When this bit is set to 1, the egress timestamp interrupt from Port N for the
Pdelay_Req and Delay_Req frames is enabled.
This bit is logical OR’ed together with the rest of the bits in this register and
the output is shown as the PTP Interrupt Enable bit in the Port Interrupt Mask
Register.
R/W
0b
13
Port N Egress Timestamp for Pdelay_Resp Frame Interrupt Enable
(TS_PDLY_RESP_INT_ENB)
When this bit is set to 1, the egress timestamp interrupt from Port N for the
Pdelay_Resp frame is enabled.
This bit is logical OR’ed together with the rest of the bits in this register and
the output is shown as the PTP Interrupt Enable bit in the Port Interrupt Mask
Register.
R/W
0b
12:0
RESERVED
RO
0x000
Address:
0xNC18 - 0xNC1B
Port N: 1-7
Size:
32 bits
Bits
Description
Type
Default
31:0
PTP Port N Link Delay in nanoseconds
This register is used to set the link delay value between port N and the link
partner port.
R/W
0x0000_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com