Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 156 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 156 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 152Page - Microchip Technology KSZ9567R Datasheet HTML 153Page - Microchip Technology KSZ9567R Datasheet HTML 154Page - Microchip Technology KSZ9567R Datasheet HTML 155Page - Microchip Technology KSZ9567R Datasheet HTML 156Page - Microchip Technology KSZ9567R Datasheet HTML 157Page - Microchip Technology KSZ9567R Datasheet HTML 158Page - Microchip Technology KSZ9567R Datasheet HTML 159Page - Microchip Technology KSZ9567R Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 232 page
background image
KSZ9567R
DS00002329D-page 156
 2017-2019 Microchip Technology Inc.
5.2.4
PORT N: PORT SWITCH MAC CONTROL REGISTERS (0xN400 - 0xN4FF)
5.2.4.1
Port MAC Control 0 Register
5.2.4.2
Port MAC Control 1 Register
Address:
0xN400
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
0x0
3
RESERVED
R/W
0b
2
RESERVED
RO
0b
1
Broadcast Storm Protection Enable
1 = Enable broadcast storm protection for ingress traffic
0 = Disable broadcast storm protection for ingress traffic
R/W
0b
0
RESERVED
R/W
0b
Address:
0xN401
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/W
0b
6
RESERVED
RO
0b
5:4
RESERVED
R/W
00b
3
Back pressure Enable
Back pressure is used only for half duplex. Full duplex uses PAUSE frame
flow control which is enabled separately.
1 = Enable port back pressure
0 = Disable port back pressure
R/W
0b
2:1
RESERVED
R/W
00b
0
Pass All Frames
Bad frames (CRC error, too large, too small) are normally dropped. This
feature allows them to be forwarded for mirroring purposes only.
This bit does not affect filtering of flow control frames. To disable filtering of
flow control frames, refer to the Switch MAC Control 4 Register.
1 = Enable
0 = Disable
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com