Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 157 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 157 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 153Page - Microchip Technology KSZ9567R Datasheet HTML 154Page - Microchip Technology KSZ9567R Datasheet HTML 155Page - Microchip Technology KSZ9567R Datasheet HTML 156Page - Microchip Technology KSZ9567R Datasheet HTML 157Page - Microchip Technology KSZ9567R Datasheet HTML 158Page - Microchip Technology KSZ9567R Datasheet HTML 159Page - Microchip Technology KSZ9567R Datasheet HTML 160Page - Microchip Technology KSZ9567R Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 157
KSZ9567R
5.2.4.3
Port Ingress Rate Limit Control Register
Address:
0xN403
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6
Port or Priority Based Ingress Rate Limiting
1 = Ingress rate limiting is port based
0 = Ingress rate limiting is priority based
R/W
0b
5
Ingress PPS Mode
1 = Ingress rate limiting is based on number of packets (PPS mode enabled)
0 = Ingress rate limiting is based on number of bits (PPS mode disabled)
R/W
0b
4
Ingress Rate Limit Flow Control Enable
To use this feature, flow control must also be enabled for this port. Refer to
the XMII Port Control 0 Register for non-PHY ports, and the PHY Auto-
Negotiation Advertisement Register for PHY ports.
1 = Flow control is asserted if the port’s receive rate is exceeded
0 = Flow control is not asserted based on ingress rate limits
R/W
0b
3:2
Ingress Limit Mode
These bits determine what kind of frames are limited and counted against
ingress rate limiting.
00 = Count and limit all frames
01 = Count and limit broadcast, multicast and flooded unicast frames only
10 = Count and limit broadcast and multicast frames only
11 = Count and limit broadcast frames only
R/W
00b
1
Count IFG Bytes
1 = Each frame’s minimum inter-frame gap (IFG) bytes (12 per frame) are
included in ingress rate limiting calculations
0 = IFG byte count is not included
R/W
0b
0
Count Preamble Bytes
Not valid when PPS mode is enabled (bit 5)
1 = Each frame’s preamble bytes (8 per frame) are included in ingress rate
limiting calculations
0 = Preamble byte count is not included
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com