Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 5 Page - Renesas Technology Corp

  M5M29KB Datasheet HTML 1Page - Renesas Technology Corp M5M29KB Datasheet HTML 2Page - Renesas Technology Corp M5M29KB Datasheet HTML 3Page - Renesas Technology Corp M5M29KB Datasheet HTML 4Page - Renesas Technology Corp M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
5
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
When RP# is at VIL, the device is in the deep power down
mode and its power consumption is substantially low.
During read modes, the memory is deselected and the data
input/output are in a high-impedance (High-Z) state. After
return from power down, the CUI is reset to Read Array,
and the Status Register is cleared to value 80H.
During block erase or program modes, RP# low will abort
either operation.
Memory array data of the block being
altered become invalid.
The
Automatic
Power
Down
minimizes
the
power
consumption during read mode. The device automatically
turns to this mode when any addresses or CE# isn't
changed more than 200ns after the last alternation. The
power consumption becomes the same as the stand-by
mode. During this mode, the output data is latched and can
be read out. New data is read out correctly when
addresses are changed.
In the 32M-bit DINOR IV Flash Memory , when one
memory address is read according to a Read Mode in the
case of the same as
an access when a Read Mode
command is input, an another Bank memory data can be
read out (Random or Page Mode) by changing an another
Bank address.
When OE# is at VIH, output from the devices is disabled.
Data input/output are in a high-impedance (High-Z) state.
Output Disable
The 32M-bit DINOR IV Flash Memory includes on-chip
program/erase control circuitry. The Write State Machine
(WSM) controls block erase and word/page program
operations. Operational modes are selected by the
commands written to the Command User Interface (CUI).
The Status Register indicates the status of the WSM and
when the WSM successfully completes the desired
program or block erase operation.
A Deep Power Down mode is enabled when the RP# pin
is at GND, minimizing power consumption.
Function of Flash Memory
The 32M-bit DINOR IV Flash Memory has four read
modes, which accesses to the memory array, the Page
Read, the Device Identifier and the Status Register. The
appropriate read commands are required to be written to
the CUI. Upon initial device power up or after exit from
deep power down, the 32M-bit DINOR IV Flash Memory
automatically resets to read array mode. In the read array
mode and in the conditions are low level input to OE#,
high level input to WE# and RP#, low level input to CE#
and address signals to the address inputs (A20 - A0:
Word mode / A20-A-1: Byte mode) the data of the
addressed location to the data input/output (DQ15-DQ0:
Word mode / DQ7- DQ0: Byte mode) is output.
Read
Writes to the CUI enables reading of memory array data,
device identifiers and reading and clearing of the Status
Register. They also enable block erase and program. The
CUI is written by bringing WE# to low level and OE# is at
high level, while CE# is at low level. Address and data are
latched on the earlier rising edge of WE# and CE#.
Standard micro processor write timings are used.
Write
The 32M-bit DINOR IV Flash Memory allows to read
array from one bank while the other bank operates in
software command write cycling or the erasing /
programming operation in the background. Array Read
operation with the other bank in BGO is performed by
changing the bank address without any additional
command. When the bank address points the bank in
software command write cycling or the erasing /
programming operation, the data is read out from the
status register. The access time with BGO is the same as
the normal read operation. BGO must be between Bank(I),
Bank(II), Bank(III) and Bank(IV).
When CE# is at VIH, the device is in the standby mode
and its power consumption is reduced. Data input/output
are in a high-impedance (High-Z) state. If the memory is
deselected during block erase or program, the internal
control circuits remain active and the device consumes
normal active power until the operation completes.
Standby
Alternating Background Operation (BGO)
Read
Deep Power Down
BBR(Back Bank array Read)
Automatic Power Down (Auto-PD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com