Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
10
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Bus Operation
BYTE#=VIH
1)
X can be VIH or VIL for control pins.
BYTE#=VIL
CE#
OE#
WE#
RP#
DQ0-15
RY/BY#
Array
VIL
VIL
VIH
VIH
Data Output
VOH(Hi-Z)
Page
VIL
VIL
VIH
VIH
Data Output
VOH(Hi-Z)
Status Register
VIL
VIL
VIH
VIH
Status Register Data
X
2)
Identifier Code
VIL
VIL
VIH
VIH
Identifier Code
VOH(Hi-Z)
Output Disable
VIL
VIH
VIH
VIH
High-Z
X
2)
Program
VIL
VIH
VIL
VIH
Command/Data in
X
2)
Erase
VIL
VIH
VIL
VIH
Command
X
2)
Others
VIL
VIH
VIL
VIH
Command
X
2)
VIH
X
1)
X
1)
VIH
High-Z
X
2)
X
1)
X
1)
X
1)
VIL
High-Z
VOH(Hi-Z)
Deep Power Down
Read
Write
Stand by
Mode
Pins
CE#
OE#
WE#
RP#
DQ0-7
RY/BY#
Array
VIL
VIL
VIH
VIH
Data Output
VOH(Hi-Z)
Page
VIL
VIL
VIH
VIH
Data Output
VOH(Hi-Z)
Status Register
VIL
VIL
VIH
VIH
Status Register Data
X
2)
Identifier Code
VIL
VIL
VIH
VIH
Identifier Code
VOH(Hi-Z)
Output Disable
VIL
VIH
VIH
VIH
High-Z
X
2)
Program
VIL
VIH
VIL
VIH
Command/Data in
X
2)
Erase
VIL
VIH
VIL
VIH
Command
X
2)
Others
VIL
VIH
VIL
VIH
Command
X
2)
VIH
X
1)
X
1)
VIH
High-Z
X
2)
X
1)
X
1)
X
1)
VIL
High-Z
VOH(Hi-Z)
Deep Power Down
Read
Write
Stand by
Mode
Pins
2)
X at RY/BY# is VOL or VOH (Hi-Z).
*The RY/BY# is an open drain output pin and indicates status of the internal WSM. When low, it indicates that
WSM is Busy performing an operation.
A pull-up resistor of 10K-100K Ohms is required to allow the RY/BY# signal to transition high indicating a Ready
WSM condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com