Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
9
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Block Organization
32M-bit DINOR(IV) Flash Memory Map (Top Boot)
x8 (Byte
Mode)
x16 (Word
Mode)
x8 (Byte
Mode)
x16 (Word
Mode)
230000H-
23FFFFH
118000H-
11FFFFH
32Kw ord MAIN BLOCK 35
3FE000H-
3FFFFFH
1FF000H-
1FFFFFH
4Kw ord BOOT BLOCK 70
220000H-
22FFFFH
110000H-
117FFFH
32Kw ord MAIN BLOCK 34
3FC000H-
3FDFFFH
1FE000H-
1FEFFFH
4Kw ord BOOT BLOCK 69
210000H-
21FFFFH
108000H-
10FFFFH
32Kw ord MAIN BLOCK 33
3FA000H-
3FBFFFH
1FD000H-
1FDFFFH
4Kword PARAMETER BLOCK 68
200000H-
20FFFFH
100000H-
107FFFH
32Kw ord MAIN BLOCK 32
3F8000H-
3F9FFFH
1FC000H-
1FCFFFH
4Kword PARAMETER BLOCK 67
1F0000H-
1FFFFFH
F8000H-
FFFFFH
32Kw ord MAIN BLOCK 31
3F6000H-
3F7FFFH
1FB000H-
1FBFFFH
4Kword PARAMETER BLOCK 66
1E0000H-
1EFFFFH
F0000H-
F7FFFH
32Kw ord MAIN BLOCK 30
3F4000H-
3F5FFFH
1FA000H-
1FAFFFH
4Kword PARAMETER BLOCK 65
1D0000H-
1DFFFFH
E8000H-
EFFFFH
32Kw ord MAIN BLOCK 29
3F2000H-
3F3FFFH
1F9000H-
1F9FFFH
4Kword PARAMETER BLOCK 64
1C0000H-
1CFFFFH
E0000H-
E7FFFH
32Kw ord MAIN BLOCK 28
3F0000H-
3F1FFFH
1F8000H-
1F8FFFH
4Kword PARAMETER BLOCK 63
1B0000H-
1BFFFFH
D8000H-
DFFFFH
32Kw ord MAIN BLOCK 27
3E0000H-
3EFFFFH
1F0000H-
1F7FFFH
32Kw ord MAIN BLOCK 62
1A0000H-
1AFFFFH
D0000H-
D7FFFH
32Kw ord MAIN BLOCK 26
3D0000H-
3DFFFFH
1E8000H-
1EFFFFH
32Kw ord MAIN BLOCK 61
190000H-
19FFFFH
C8000H-
CFFFFH
32Kw ord MAIN BLOCK 25
3C0000H-
3CFFFFH
1E0000H-
1E7FFFH
32Kw ord MAIN BLOCK 60
180000H-
18FFFFH
C0000H-
C7FFFH
32Kw ord MAIN BLOCK 24
3B0000H-
3BFFFFH
1D8000H-
1DFFFFH
32Kw ord MAIN BLOCK 59
170000H-
17FFFFH
B8000H-
BFFFFH
32Kw ord MAIN BLOCK 23
3A0000H-
3AFFFFH
1D0000H-
1D7FFFH
32Kw ord MAIN BLOCK 58
160000H-
16FFFFH
B0000H-
B7FFFH
32Kw ord MAIN BLOCK 22
390000H-
39FFFFH
1C8000H-
1CFFFFH
32Kw ord MAIN BLOCK 57
150000H-
15FFFFH
A8000H-
AFFFFH
32Kw ord MAIN BLOCK 21
380000H-
38FFFFH
1C0000H-
1C7FFFH
32Kw ord MAIN BLOCK 56
140000H-
14FFFFH
A0000H-
A7FFFH
32Kw ord MAIN BLOCK 20
370000H-
37FFFFH
1B8000H-
1BFFFFH
32Kw ord MAIN BLOCK 55
130000H-
13FFFFH
98000H-
9FFFFH
32Kw ord MAIN BLOCK 19
360000H-
36FFFFH
1B0000H-
1B7FFFH
32Kw ord MAIN BLOCK 54
120000H-
12FFFFH
90000H-
97FFFH
32Kw ord MAIN BLOCK 18
350000H-
35FFFFH
1A8000H-
1AFFFFH
32Kw ord MAIN BLOCK 53
110000H-
11FFFFH
88000H-
8FFFFH
32Kw ord MAIN BLOCK 17
340000H-
34FFFFH
1A0000H-
1A7FFFH
32Kw ord MAIN BLOCK 52
100000H-
10FFFFH
80000H-
87FFFH
32Kw ord MAIN BLOCK16
330000H-
33FFFFH
198000H-
19FFFFH
32Kw ord MAIN BLOCK 51
F0000H-
FFFFFH
78000H-
7FFFFH
32Kw ord MAIN BLOCK 15
320000H-
32FFFFH
190000H-
197FFFH
32Kw ord MAIN BLOCK 50
E0000H-
EFFFFH
70000H-
77FFFH
32Kw ord MAIN BLOCK 14
310000H-
31FFFFH
188000H-
18FFFFH
32Kw ord MAIN BLOCK 49
D0000H-
DFFFFH
68000H-
6FFFFH
32Kw ord MAIN BLOCK 13
300000H-
30FFFFH
180000H-
187FFFH
32Kw ord MAIN BLOCK 48
C0000H-
CFFFFH
60000H-
67FFFH
32Kw ord MAIN BLOCK 12
2F0000H-
2FFFFFH
178000H-
17FFFFH
32Kw ord MAIN BLOCK 47
B0000H-
BFFFFH
58000H-
5FFFFH
32Kw ord MAIN BLOCK 11
2E0000H-
2EFFFFH
170000H-
177FFFH
32Kw ord MAIN BLOCK46
A0000H-
AFFFFH
50000H-
57FFFH
32Kw ord MAIN BLOCK 10
2D0000H-
2DFFFFH
168000H-
16FFFFH
32Kw ord MAIN BLOCK 45
90000H-
9FFFFH
48000H-
4FFFFH
32Kw ord MAIN BLOCK 9
2C0000H-
2CFFFFH
160000H-
167FFFH
32Kw ord MAIN BLOCK 44
80000H-
8FFFFH
40000H-
47FFFH
32Kw ord MAIN BLOCK 8
2B0000H-
2BFFFFH
158000H-
15FFFFH
32Kw ord MAIN BLOCK 43
70000H-
7FFFFH
38000H-
3FFFFH
32Kw ord MAIN BLOCK 7
2A0000H-
2AFFFFH
150000H-
157FFFH
32Kw ord MAIN BLOCK 42
60000H-
6FFFFH
30000H-
37FFFH
32Kw ord MAIN BLOCK 6
290000H-
29FFFFH
148000H-
14FFFFH
32Kw ord MAIN BLOCK 41
50000H-
5FFFFH
28000H-
2FFFFH
32Kw ord MAIN BLOCK 5
280000H-
28FFFFH
140000H-
147FFFH
32Kw ord MAIN BLOCK 40
40000H-
4FFFFH
20000H-
27FFFH
32Kw ord MAIN BLOCK 4
270000H-
27FFFFH
138000H-
13FFFFH
32Kw ord MAIN BLOCK 39
30000H-
3FFFFH
18000H-
1FFFFH
32Kw ord MAIN BLOCK 3
260000H-
26FFFFH
130000H-
137FFFH
32Kw ord MAIN BLOCK 38
20000H-
2FFFFH
10000H-
17FFFH
32Kw ord MAIN BLOCK 2
250000H-
25FFFFH
128000H-
12FFFFH
32Kw ord MAIN BLOCK 37
10000H-
1FFFFH
08000H-
0FFFFH
32Kw ord MAIN BLOCK 1
240000H-
24FFFFH
120000H-
127FFFH
32Kw ord MAIN BLOCK 36
00000H-
0FFFFH
00000H-
07FFFH
32Kw ord MAIN BLOCK 0
A20-A-1 (Byte
Mode)
A20-A0 (Word
Mode)
A20-A-1 (Byte
Mode)
A20-A0 (Word
Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com