Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
12
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Data
1)
Data
1)
Data
1)
(DQ0-15/DQ0-7)
(DQ0-15/DQ0-7)
(DQ0-15/DQ0-7)
Word/Byte Program
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Page Program
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Page Buffer to Flash
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Block Erase/Confirm
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Clear Page Buffer
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Single Data Load to Page Buffer
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Flash to Page Buffer
Write
Bank
60H
Write
Bank
Block
6)
Write
Bank
ACH
Data
1)
Data
1)
(DQ0-15/DQ0-7)
(DQ0-15/DQ0-7)
Word/Byte Program
Write
Bank
Block#
6)
Write
Bank
7BH
Page Program
Write
Bank
Block#
6)
Write
Bank
7BH
Page Buffer to Flash
Write
Bank
Block#
6)
Write
Bank
7BH
Block Erase/Confirm
Write
Bank
Block#
6)
Write
Bank
7BH
Clear Page Buffer
Write
Bank
Block#
6)
Write
Bank
7BH
Single Data Load to Page Buffer
Write
Bank
Block#
6)
Write
Bank
7BH
Flash to Page Buffer
Write
Bank
Block#
6)
Write
Bank
7BH
Data
1)
Data
Data
(DQ0-15/DQ0-7)
(DQ0-15/DQ0-7)
(DQ0-15/DQ0-7)
Word/Byte Program
Write
Bank
40H
Write
WA
2)
WD
2)
Page Program
Write
Bank
41H
Write
WA0
3)
WD0
3)
Write
WAn
3)
WDn
3)
Page Buffer to Flash
Write
Bank
0EH
Write
WA
4)
D0H
1)
Block Erase/Confirm
Write
Bank
20H
Write
BA
5)
D0H
1)
Clear Page Buffer
Write
X
55H
Write
X
D0H
1)
Single Data Load to Page Buffer
Write
Bank
74H
Write
WA
2)
WD
2)
Flash to Page Buffer
Write
Bank
F1H
Write
RA
7)
D0H
1)
8th-134th Bus Cycles(Word mode)
8th-262th Bus Cycles(Byte mode)
Mode Address
Mode
Address
Mode Address
Setup Command for
Software Lock Release
Setup Command for
Program or Erase Operations
6th Bus Cycle
7th Bus Cycle
Setup Command for
Software Lock Release
4th Bus Cycle
5th Bus Cycle
Mode Address
Mode
Address
3rd Bus Cycle
Mode
Address
Mode Address
1st Bus Cycle
Mode Address
2nd Bus Cycle
7) RA=Read Address: A20-A7 (block address, page address) must be valid.
Command List (WP# =VIL)
Software Command Definition
Software lock release operation needs following consecutive 7bus cycles.Moreover, additional 127(255) bus cycles are
needed for page program operation.
Address
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Block
fixed 0
fixed 0
A20
A19
A18
A17
A16
A15
Block#
fixed 0
fixed 0
A20#
A19#
A18#
A17#
A16#
A15#
1) In the case of word mode(BYTE#=VIH) upper byte data (DQ15-DQ8) is ignored.
2) WA=Write Address, WD=Write Data
3) WA0, WAn=Write Address, WD0, WDn=Write Data. Write address and write data must be provided sequentially
from 00H to 7FH for A6-A0(word mode) and from 00H to FFH for A6-A-1(byte mode), respectively.
Page size is 128 words (128-word x 16-bit/ word mode) or Page size is 256 bytes (256-word x 8-bit/ byte mode),
and also A20-A7 (block address, page address) must be valid.
4) WA=Write Address: A20-A7 (block address, page address) must be valid.
5) BA=Block Address : A20-A12[Bank(I)], A20-A15 [Bank(II), Bank(III), Bank(IV)]
6) Block=Block Address: A20-A15, Block#=A20#-A15# must be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com