Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp M5M29KB Datasheet HTML 18Page - Renesas Technology Corp M5M29KB Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
15
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
AC electrical characteristics
(Ta=-40 ~85
°C and Flash VCC=3.0V~3.6V, unless otherwise noted)
-Timing measurements are made under AC waveforms for read operations.
Read Only Mode
Min.
Typ.
Max.
tRC
tAVAV
Read Cycle Time
70
ns
ta(AD)
tAVQV
Address Access Time
70
ns
ta(CE)
tELQV
Chip Enable Access Time
70
ns
ta(OE)
tGLQV
Output Enable Access Time
30
ns
ta(PAD)
Page Read Access Time (after 2nd access)
25
ns
tCEPH
CE# "H"Pulse width
30
ns
tCLZ
tELQX
Chip Enable to Output in Low-Z
0
ns
tDF(CE)
tEHQZ
Chip Enable High to Output in High-Z
25
ns
tOLZ
tGLQX
Output Enable to Output in Low-Z
0
ns
tDF(OE)
tGHQZ
Output Enable to High to Output in High-Z
25
ns
tPHZ
tPLQZ
RP# Low to Output High-Z
150
ns
ta(BYTE)
tFL/HQV
BYTE# access time
70
ns
tBHZ
tFLQZ
BYTE# low to output high-Z
25
ns
tOH
tOH
Output Hold from CE#, OE# and Address
0
ns
tBCD
tELFL/H
CE# low to BYTE# high or low
5
ns
tBAD
tAVFL/H
Address to BYTE# high or low
5
ns
tOEH
tWHGL
OE# Hold from WE# High
10
ns
tPS
tPHEL
RP# Recovery to CE# Low
150
ns
Symbol
Parameter
Limits
Units
Flash VCC=3.0-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com