Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 24Page - Renesas Technology Corp M5M29KB Datasheet HTML 25Page - Renesas Technology Corp M5M29KB Datasheet HTML 26Page - Renesas Technology Corp M5M29KB Datasheet HTML 27Page - Renesas Technology Corp M5M29KB Datasheet HTML 28Page - Renesas Technology Corp M5M29KB Datasheet HTML 29Page - Renesas Technology Corp M5M29KB Datasheet HTML 30Page - Renesas Technology Corp M5M29KB Datasheet HTML 31Page - Renesas Technology Corp M5M29KB Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
30
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Operation Status (WP#=VIL)
1) In case of Page Read, F3H is used instead of FFH in Operation Status (WP#=VIL).
2) Once Page Read mode is set, Page Read mode is kept until power off or RP# is set to VIL.
3) BA, BA#: Block Address, Block Address# (Shown in Command List(WP#=VIL) in detail).
4) After setting up Clear Page Buffer, D0H enables to clear Page Buffer.
Change Bank
Address
Read
Status Register
FFH
FFH
90H
Read/Standby State
(Random Read Mode)
70H
Clear
Status Register
50H
Read Array
(Random Read)
Change Bank
Address
Block Erase
Setup
Word Program
Setup
Page Program
Setup
Page Buffer to
Flash
Setup
Flash to
Page Buffer
Setup
Single Data Load
to Page Buffer
Setup
Clear Page Buffer
Setup
D0H
55H
74H
WD
F1H
0EH
41H
40H
Erase &
Verify
Read
Status Register
Program &
Verify
Read
Status Register
D0H
Wdi
I=0-127
WD
D0H
Setup State
Internal State
Ready
70H
Read
Status Register
Suspend
State
D0H
D0H
B0H
B0H
Read State with BGO
Other
Other
90H
70H
20H
Read Array
(Random Read)
Read
Device Identifier
Change Bank
Address
Read Array
(Random Read)
FFH
Read Array
(Random Read)
Software Lock
Release Setup
Software Lock
Release Setup
Software Lock
Release Setup
Software Lock
Release Setup
Software Lock
Release Setup
Others
60H
BA
3)
ACH
BA#
3)
7BH
Others
Others
Others
4)
Others
D0H
Read Array
(Random Read)
Read State with BGO
Back Bank Read State
Read Array
(Random Read)
Change Bank
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com