Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp M5M29KB Datasheet HTML 18Page - Renesas Technology Corp M5M29KB Datasheet HTML 19Page - Renesas Technology Corp M5M29KB Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
16
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Read / Write Mode (CE# control)
AC electrical characteristics
(Ta=-40 ~85
°C and Flash VCC=3.0V~3.6V, unless otherwise noted)
Read / Write Mode (WE# control)
-Read timing parameters during command write operations mode are the same as during read only operation mode.
-Typical values at Flash VCC=3.3V and Ta=25
°C.
Min.
Typ.
Max.
tWC
tAVAV
Write Cycle Time
70
ns
tAS
tAVWH
Address Setup Time
35
ns
tAH
tWHAX
Address Hold Time
0
ns
tDS
tDVWH
Data Setup Time
35
ns
tDH
tWHDX
Data Hold Time
0
ns
tOEH
tWHGL
OE# Hold from WE# High
10
ns
tCS
tELWL
Chip Enable Setup Time
0
ns
tCH
tWHEH
Chip Enable Hold Time
0
ns
tWP
tWLWH
Write Pulse Width
35
ns
tWPH
tWHWL
Write Pulse Width High
30
ns
tBS
tFL/HWH
Byte enable high or low set-up time
50
ns
tBH
tWFL/H
Byte enable high or low hold time
70
ns
tGHWL
tGHWL
OE# Hold to WE# Low
0
ns
tBLS
tPHHWH
Block Lock Setup to Write Enable High
70
ns
tBLH
tQVPH
Block Lock Hold from Valid SRD
0
ns
tDAP
tWHRH1
Duration of Auto Program Operation(Byte Mode)
30
300
µs
tDAP
tWHRH1
Duration of Auto Program Operation(Word Mode)
30
300
µs
tDAP
tWHRH1
Duration of Auto Program Operation(Page Mode)
4
80
ms
tDAE
tWHRH2
Duration of Auto Block Erase Operation
150
600
ms
tWHRL
tWHRL
Write Enable High to RY/BY# Low
70
ns
tPS
tPHWL
RP# Recovery to WE# Low
150
ns
Symbol
Parameter
Limits
Units
Flash VCC=3.0-3.6V
-Timing measurements are made under AC waveforms for read operations.
-Typical values at Flash VCC=3.3V and Ta=25
°C.
Min.
Typ.
Max.
tWC
tAVAV
Write Cycle Time
70
ns
tAS
tAVEH
Address Setup Time
35
ns
tAH
tEHAX
Address Hold Time
0
ns
tDS
tDVEH
Data Setup Time
35
ns
tDH
tEHDX
Data Hold Time
0
ns
tOEH
tEHGL
OE# Hold from CE# High
10
ns
tWS
tWLEL
Write Enable Setup Time
0
ns
tWH
tEHWH
Write Enable Hold Time
0
ns
tCEP
tELEH
CE# Pulse Width
35
ns
tCEPH
tEHEL
CE#"H" Pulse Width
30
ns
tBS
tFL/HEH
Byte enable high or low set-up time
50
ns
tBH
tEHFL/H
Byte enable high or low hold time
70
ns
tGHEL
tGHEL
OE# Hold to CE# Low
70
ns
tBLS
tPHHEH
Block Lock Setup to Chip Enable High
70
ns
tBLH
tQVPH
Block Lock Hold from Valid SRD
0
ns
tDAP
tEHRH1
Duration of Auto Program Operation(Byte Mode)
30
300
µs
tDAP
tEHRH1
Duration of Auto Program Operation(Word Mode)
30
300
µs
tDAP
tEHRH1
Duration of Auto Program Operation(Page Mode)
4
80
ms
tDAE
tEHRH2
Duration of Auto Block Erase Operation
150
600
ms
tEHRL
tEHRL
CE# High to RY/BY# Low
70
ns
tPS
tPHEL
RP# Recovery to CE# Low
150
ns
Symbol
Parameter
Limits
Units
Flash VCC=3.0-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com