Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 2Page - Renesas Technology Corp M5M29KB Datasheet HTML 3Page - Renesas Technology Corp M5M29KB Datasheet HTML 4Page - Renesas Technology Corp M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
6
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
We can normally read device identifier codes when Read
Device Identifier Code Command (90H) is written to the
command
latch.
Following
the
command
write,
the
manufacturer code and the device code can be read from
A0 address 0H and 1H in a bank address, respectively.
The device is in Read Array mode on initial device power
up and after exit from deep power down, or by writing FFH
to the Command User Interface. After starting the internal
operation the device is set to the read status register mode
automatically.
Automated block erase is initiated by writing the Block
Erase command of 20H followed by the Confirm
command of D0H.
An address within the block to be
erased is required.
The WSM executes iterative erase
pulse application and erase verify operation.
Word / Byte program is executed by a two-command
sequence. The Word/Byte program Setup command of
40H is written to the Command Interface, followed by a
second write specifying the address and data to be written.
The WSM controls the program pulse application and
verify operation.
Page Program allows fast programming of 128 words/
256 bytes of data. Writing of 41H initiates the page
program operation for the Data area. From 2nd cycle to
129th cycle(Word mode)/ 257th cycle(Byte mode), write
data must be serially inputted. Address
A6-A0(Word
mode)/ A6-A-1(Byte mode) have to be incremented from
00H to 7FH. After completion of data loading, the WSM
controls
the
program
pulse
application
and
verify
operation.
Single data load to the page buffer is performed by
writing 74H followed by a second write specifying the
column address and data. Distinct data up to 128word
can be loaded to the page buffer by this two-command
sequence. On the other hand, all of the loaded data to the
page buffer is programmed simultaneously by writing
Page Buffer to Flash command of 0EH followed by the
confirm
command
of
D0H.
After
completion
of
programming the data on the page buffer is cleared
automatically.
The device operations are selected by writing specific
software command into the Command User Interface.
Software Command Definitions
The Status Register is read after writing the Read Status
Register command of 70H to the Command User Interface.
Also, after starting the internal operation the device is set to
the Read Status Register mode automatically.
The contents of Status Register are latched on the later
falling edge of OE# or CE#. When status read is required,
OE# or CE# must be toggled every status read.
The Erase Status, Program Status and Block Status bits
are set to "1"s by the Write State Machine and can only
be reset by the Clear Status Register command of 50H.
These bits indicate various failure conditions.
A) Word / Byte Program (40H)
Program Commands
Block Erase / Confirm Command (20H/D0H)
Clear Status Register Command (50H)
Read Array Command (FFH)
Read Status Register Command (70H)
Read Device Identifier Command (90H)
Page Read Command (F3H)
B) Page Program for Data Blocks (41H)
C) Single Data Load to Page Buffer (74H)
/ Page Buffer to Flash (0EH/D0H)
The Page Read command (F3H) timing can be used by
writing the first command and CE# falls VIL or changing the
address(A20-A2) is necessary to start activating page read
mode. This command is fast random 4 words read. During
the read cycle operation it is necessary to fix CE# low and
change addresses which are defined by A0 and A1(or A-1
to A1) at random continuously.
The mode is kept until RP# is set to VIL or this chip is
powered down.
The first read of Page Read timing is the same as normal
read (ta(CE)). CE# should be fallen VIL. The read timing
after the first is fast read (ta(PAD)).
In the page read mode the upper address(A20-A2) is
supposed not to be clocked during read operation.
Otherwise the access time is as same as normal read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com