Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 2 Page - Renesas Technology Corp

  M5M29KB Datasheet HTML 1Page - Renesas Technology Corp M5M29KB Datasheet HTML 2Page - Renesas Technology Corp M5M29KB Datasheet HTML 3Page - Renesas Technology Corp M5M29KB Datasheet HTML 4Page - Renesas Technology Corp M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
2
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
32M Flash Memory Block Diagram
A0 to A20
OE#
WE#
WP#
RP#
DQ0 to DQ15
32Mbit DINOR IV
Flash Memory
Vcc
GND
CE#
Capacitance
Min.
Typ.
Max.
CIN
Input
capacitance
A20-A0, OE#, WE#, CE#, WP#,
RP#,BYTE#
12
pF
COUT
Output
Capacitance
DQ15-DQ0,RY/BY#
12
pF
Symbol
Conditions
Ta=25°C, f=1MHz,
Vin=Vout=0V
Unit
Limits
Parameter
BYTE#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com