Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 3 Page - Renesas Technology Corp

  M5M29KB Datasheet HTML 1Page - Renesas Technology Corp M5M29KB Datasheet HTML 2Page - Renesas Technology Corp M5M29KB Datasheet HTML 3Page - Renesas Technology Corp M5M29KB Datasheet HTML 4Page - Renesas Technology Corp M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
3
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
The 32M-bit DINOR IV(Divided bit line NOR IV) Flash
Memory is 3.3V-only high speed 33,554,432-bit CMOS
boot block Flash Memory. Alternating BGO(Back Ground
Operation) feature of the device allows Program or Erase
operations to be performed in one bank while the device
simultaneously allows Read operations to be performed
on the other bank. This BGO feature is suitable for
communication products and cellular phone.The Flash
Memory is fabricated by CMOS technology for the
peripheral circuits and DINOR IV architecture for the
memory cells.
Features
-Organization
2,097,152-word x 16-bit
4,194,304-byte x 8-bit
- Supply Voltage
VCC = 3.0 ~ 3.6V
- Access time
Random Access
70ns(Max.)
Random Page Read
25ns(Max.)
- Read
108mW (Max. at 5MHz)
- Page Read
36mW (Max.)
(After Automatic Power Down)
0.33µW(typ.)
- Program/Erase
126mW(Max.)
Standby
0. 33µW(typ.)
Deep Power Down mode
0. 33µW(typ.)
- Auto Program for Bank(I) – Bank(IV)
Program Time
Word Program
30µs/word(typ.)
Byte Program
30µs/byte(typ.)
Page Program
4ms(typ.)
Program Unit
Word/Byte Program
1word/ 1Byte
Page Program
128 words/ 256 bytes
- Auto Erase
Erase time
Main Block
150ms/block (typ.)
Erase unit
Bank(I)
Boot Block
4K-word x2/ 8K-byte x2
Parameter Block 4K-word x6 / 8K-byte x6
Main Block
32K-word x7 / 64K-byte x7
Bank(II)
Main Block
32K-word x8 / 64K-byte x8
Bank(III)
Main Block
32K-word x24 / 64K-byte x24
Bank(IV)
Main Block
32K-word x24 / 64K-byte x24
- Program/Erase cycles
100Kcycles
- Boot Block
Bottom Boot
M***B33******
Top Boot
M***T33******
- The Other Functions
Software Command Control
Software Lock Release(while WP# is low)
Erase Suspend/Resume
Program Suspend/Resume
Status Register Read
Alternating Back Ground Program/Erase Operation
Between Bank(I), Bank(II), Bank(III) and Bank(IV)
Random Page Read
Flash Memory Part
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com