Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp M5M29KB Datasheet HTML 18Page - Renesas Technology Corp M5M29KB Datasheet HTML 19Page - Renesas Technology Corp M5M29KB Datasheet HTML 20Page - Renesas Technology Corp M5M29KB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
17
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
During power up / down, by the noise pulses on control pins, the device has possibility of accidental erase of programming.
The device must be protected against initiation of write cycle for memory contents during power up / down. The delay time
of min. 2 µsec is always required before read operation or write operation is initiated from the time Flash VCC reaches
Flash VCC min. during power up /down. By holding RP#=VIL, the contents of memory is protected during Flash VCC
power up / down. During power up, RP# must be held VIL for min. 2µs from the time Flash VCC reaches Flash VCC min..
During power down, RP# must be held VIL until Flash VCC reaches GND. RP# doesn’t have latch mode, therefore RP#
must be held VIH during read operation or erase / program operation.
Parameter
Min.
Typ.
Max.
Units
Block Erase Time
150
600
ms
Main Block Write Time (Byte Mode)
2
8
sec
Main Block Write Time (Word Mode)
1
4
sec
Page Write Time
4
80
ms
Flash to Page Buffer Time
100
150
µs
Parameter
Min.
Typ.
Max.
Unit
Program Susupend Time
15
µs
Erase Susupend Time
15
µs
symbol
Parameter
Min.
Typ.
Max.
Unit
tVCS
RP#=VIH Setup Time from Flash VCC min.
2
µs
Flash VCC Power Up / Down Timing
Program Suspend / Erase Suspend Time
Program / Erase Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com