Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp M5M29KB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
14
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Min.
Typ.1)
Max.
ILI
Input Leakage Current
-1.0
+1.0
µA
ILO
Output Leakage Current
-10
+10
µA
ISB3
5
25
µA
5MHz
20
30
mA
1MHz
4
8
mA
VIL
Input Low Voltage
-0.5
0.4
V
VIH
Input High Voltage
2.4
VCC+0.5
V
VOL
Output Low Voltage
0.45
V
VOH1
0.85xVCC
V
VOH2
VCC-0.4
V
VLKO Low VCC Lock Out Voltage2)
1.5
2.2
V
Symbol
Parameter
Test Conditions
Limits
ISB2
VCC= 3.6V, VIN= GND/VCC, CE#= RP#= VCC
±0.3V
0.1
VCC Stand by Current
6
µA
Units
0V< VIN< VCC
0V< VOUT< VCC
6
µA
ISB4
VCC= 3.6V, VIN= GND or VCC, RP#= GND±
0.3V
0.1
VCC Deep Power Down Current
VCC= 3.6V, VIN= VIL/VIH, RP#= VIL
5
10
ICC1
VCC Read Current for Word / byte
ICC1P VCC Page Read Current
Vcc = 3.6V, VIN = VIL/VIH, RP# = OE# =
WE# = VIH, CE# =VIL, Iout = 0mA
Vcc = 3.6V, VIN = VIL/VIH, RP# = OE# =
WE# =VIH, CE# = VIL, Iout = 0mA
mA
ICC2
VCC Write Current for Word / byte
Vcc = 3.6V, VIN = VIL/VIH, RP# = OE# = VIH, CE# =
WE# = VIL
15
mA
5MHz
ICC3
VCC Program Current
VCC = 3.6V, VIN = VIL/VIH, CE#= RP# = VIH
35
mA
ICC4
VCC Erase Current
VCC = 3.6V, VIN = VIL/VIH, CE#= RP# = VIH
35
mA
ICC5
VCC Suspend Current
VCC = 3.6V, VIN = VIL/VIH, CE#= RP# = VIH
200
µA
IOL = 4.0mA
Output High Voltage
IOH = -2.0mA
IOH = -100uA
Device ID Code
Absolute Maximum Ratings
DC electrical characteristics
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Hex. Data
Manufacturer Code
VIL
"0"
"0"
"0"
"1"
"1"
"1"
"0"
"0"
1CH
Device Code (Top Boot)
VIH
"0"
"0"
"1"
"1"
"1"
"0"
"0"
"0"
38H
Device Code (Bottom Boot)
VIH
"0"
"0"
"1"
"1"
"1"
"0"
"0"
"1"
39H
Code
Pins
(Ta= -40 ~85
°C and Flash VCC=3.0V~3.6V, unless otherwise noted)
In the case of word mode,The output of upper byte data (DQ15-DQ8) is “0H”.
1)Minimum DC voltage is –0.5V on input / output pins. During transitions, the level may undershoot to –2.0V for periods
<20ns. Maximum DC voltage on input / output pins is VCC+0.5V which, during transitions, may overshoot to VCC+1.5V
for periods <20ns.
All currents are in RMS unless otherwise noted.
1) Typical values at Flash VCC=3.3V, Ta=25
°C.
2) To protect against initiation of write cycle during Flash VCC power up / down, a write cycle is locked out for Flash VCC less than VLKO.
If Flash VCC is less than VLKO, Write State Machine is reset to read mode. When the Write State Machine is in Busy state, if Flash
VCC is less than VLKO, the alteration of memory contents may occur.
Symbol
Parameter
Conditions
Min.
Max.
Units
VCC
VCC Voltage
-0.2
4.6
V
VI1
All Input or Output Voltage
1)
-0.6
4.6
V
Ta
Ambient Temperature
-40
85
°C
Tbs
Temperature under Bias
-50
95
°C
Tstg
Storage Temperature
-65
125
°C
Iout
Output Short Circuit Current
100
mA
With Respect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com