Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 1 Page - Renesas Technology Corp

  M5M29KB Datasheet HTML 1Page - Renesas Technology Corp M5M29KB Datasheet HTML 2Page - Renesas Technology Corp M5M29KB Datasheet HTML 3Page - Renesas Technology Corp M5M29KB Datasheet HTML 4Page - Renesas Technology Corp M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
1
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PIN CONFIGURATION (TOP VIEW)
Outline
48P3R-C
Digital Cellar Phone, Telecommunication,
PDA, Car Navigation System, Video Game Machine
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RP#
NC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A16
BYTE#
GND
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
GND
28
25
A0
24
A2
A1
20.0 mm
WP#
DESCRIPTION
FEATURES
Access time
Random
70ns (Max.)
Page
25ns(Max.)
Supply voltage
VCC= 3.0 ~ 3.6V
Ambient temperature
Ta=-40 ~ 85
°C
Package
48pin TSOP(Type-I), Lead pitch 0.5mm
Outer-lead finishing : Sn-Cu
APPLICATION
VCC
: VCC
GND
: GND
A0-A21
: Address
DQ0-DQ15
: Data I/O
CE#
: Chip enable
OE#
: Output enable
WE#
: Write enable
WP#
: Write protect
RP#
: Reset power down
BYTE#
: Byte enable
RY/BY#
: Ready/Busy
NC
: Non Connection
CE#
The M5M29KB/T331AVP are 3.3V-only high speed
33,554,432-bit CMOS boot block FLASH Memories with
alternating BGO(Back Ground Operation) feature. The BGO
feature of the device allows Program or Erase operations to be
performed in one bank while the device simultaneously allows
Read operations to be performed on the other bank.
This BGO feature is suitable for mobile and personal
computing, and communication products.
The M5M29KB/T331AVP are fabricated by CMOS technology
for the peripheral circuit and DINOR IV(Divided bit-line NOR IV)
architecture for the memory cell, and are available in 48pin
TSOP(I) for lead free use.
M5M29KB/T331AVP provides for Software Lock Release
function. Usually, all memory blocks are locked and can not
be programmed or erased, when WP# is low. Using Software
Lock Release function, program or erase operation can be
executed.
27
26
M5M29KB/T331AVP


Similar Part No. - M5M29KB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
M5M29KE131BVP RENESAS-M5M29KE131BVP Datasheet
327Kb / 33P
134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
More results

Similar Description - M5M29KB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
STMicroelectronics
M28F420 STMICROELECTRONICS-M28F420 Datasheet
245Kb / 38P
4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
Mar-1995
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com