Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
11
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Software Command Definition
Command List (WP# =VIH or VIL)
1) In the case of Word mode(BYTE#=VIH), upper byte data (DQ15-DQ8) is ignored.
2) Bank=Bank address (Bank(I)-Bank(IV): A20-18)
3) IA=ID code address: A0=VIL (Manufacturer’s code): A0=VIH (Device code), ID=ID code
4) SRD=Status Register Data
5) SA=A20-A2: Page Address, A1, A0(A1-A-1):voluntary address / RD0=1st Page read data
6) SA+i: Page address(is equal to 1st Page Address of A20-A2), A1,A0(A1-A-1): voluntary address / RDi: 2nd Page read data
Command List (WP# =VIH)
Data
1)
Data
Data
(DQ0-15),(DQ0-7)
A20-A18
A0
(DQ0-15),(DQ0-7)
(DQ0-15),(DQ0-7)
Read Array
Write
X
FFH
Page Read
Write
X
F3H
Read
RD0
5)
Read
SA+i
6)
RDi
6)
Device Identifier
Write
Bank
2)
90H
Read
Bank
2)
IA
3)
ID
3)
Read Status Register
Write
Bank
2)
70H
Read
SRD
4)
Clear Status Register
Write
X
50H
Suspend
Write
Bank
2)
B0H
Resume
Write
Bank
2)
D0H
SA
5)
Bank
2)
Command
1st Bus Cycle
Mode Address
2nd Bus Cycle
3rd-5th Bus Cycles (Word mode)
3rd-9th Bus Cycles (Byte mode)
Mode Address
Mode
Address
Data
1)
Data
1)
Data
1)
(DQ0-15),(DQ0-7)
(DQ0-15),(DQ0-7)
(DQ0-15),(DQ0-7)
Word Program
Write
Bank
2)
40H
Write
WA
3)
WD
3)
Page Program
Write
Bank
2)
41H
Write
WA0
4)
WD0
4)
Write
WAn
4)
WDn
4)
Page Buffer to Flash
Write
Bank
2)
0EH
Write
WA
5)
D0H
1)
Block Erase/Confirm
Write
Bank
2)
20H
Write
BA
6)
D0H
1)
Erase All Unlocked Blocks
Write
X
A7H
Write
X
D0H
1)
Clear Page Buffer
Write
X
55H
Write
X
D0H
1)
Single Data Load to Page Buffer
Write
Bank
2)
74H
Write
WA
3)
WD
3)
Flash to Page Buffer
Write
Bank
2)
F1H
Write
RA
7)
D0H
1)
2nd Bus Cycle
Mode
Address
3rd-129th Bus Cycles (Word mode)
3rd-257th Bus Cycles (Byte mode)
Mode Address
Command
1st Bus Cycle
Mode Address
1) In the case of Word mode(BYTE#=VIH),Upper byte data (DQ15-DQ8) is ignored.
2) Bank=Bank address (Bank(I)-Bank(IV): A20-A18)
3) WA=Write Address, WD=Write Data
4) WA0, WAn=Write Address, WD0, WDn=Write Data.
Word mode (BYTE#=VIH) : Write address and write data must be provided sequentially from 00H to 7FH for A6-A0.
Page size is 128 words (128-word x 16-bit), and also A20-A7 (block address, page address) must be valid.
Byte mode (BYTE#=VIL) : Write address and write data must be provided sequentially from 00H to FFH for A6-A-1.
Page size is 256 Bytes (256-byte x 8-bit), and also A20-A7 (block address, page address) must be valid.
5) WA=Write Address: A20-A7 (block address, page address) must be valid.
6) BA=Block Address : A20-A12[Bank(I)], A20-A15 [Bank(II), Bank(III), Bank(IV)] must be valid.
7) RA=Read Address: A20-A7 (block address, page address) must be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com