Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp M5M29KB Datasheet HTML 18Page - Renesas Technology Corp M5M29KB Datasheet HTML 19Page - Renesas Technology Corp M5M29KB Datasheet HTML 20Page - Renesas Technology Corp M5M29KB Datasheet HTML 21Page - Renesas Technology Corp M5M29KB Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
18
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Flash VCC Power up / down Timing
AC Waveforms for Read Operation and Test Conditions
t
PS
3.3V
GND
V
CC
V
IH
RP#
Read /Write Inhibit
t
VCS
CE#
WE#
Read /Write Inhibit
V
IL
V
IH
V
IL
V
IH
V
IL
t
PS
Read /Write Inhibit
TEST CONDITIONS
FOR AC CHARACTERISTICS
Input Voltage : V
IL=0V, V IH=Vcc
Input Rise and Fall Times : <5ns
Reference Voltage
at timing measurement : (Vcc)/2
Output Load : 1 TTL gate +
CL(30pF)
or
Output Valid
A20 -A0 (WORD)
A20 -A-1 (BYTE)
CE#
OE#
WE#
DATA
Address Valid
High-Z
DUT
3.3kohm
1N914
1.3V
CL=30pF
RP#
V
IH
V
IL
ta(AD)
ta(CE)
V
IH
V
IL
V
IH
V
IL
tDF(CE)
tDF(OE)
V
IH
V
IL
tOEH
ta(OE)
tOH
High-Z
tOLZ
tCLZ
tPHZ
V
OH
V
O
V
IH
V
IL
tPS
tRC
tCEPH
FFH
CL=30pF
- After inputting Read Array Command FFH, it is necessary to make CE# “H” pulse more than 30ns (tCEPH).
And after inputting Read Array Command FFH, it is also necessary to keep 30ns to recover before starting read
after WE# rises “H” in case of changing address(es) and CE#=“L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com