Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 3Page - Renesas Technology Corp M5M29KB Datasheet HTML 4Page - Renesas Technology Corp M5M29KB Datasheet HTML 5Page - Renesas Technology Corp M5M29KB Datasheet HTML 6Page - Renesas Technology Corp M5M29KB Datasheet HTML 7Page - Renesas Technology Corp M5M29KB Datasheet HTML 8Page - Renesas Technology Corp M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
7
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Loaded data to the page buffer is cleared by writing the
Clear Page Buffer command of 55H followed by the
Confirm command of D0H. This command is valid for
clearing data loaded by Single Data Load to Page Buffer
command.
Writing the Suspend command of B0H during block erase
operation interrupts the block erase operation and allows
read out from another block of memory. Writing the
Suspend command of B0H during program operation
interrupts the program operation and allows read out from
another block of memory. The Bank address is required
when writing the Suspend/Resume Command. The device
continues to output Status Register data when read, after
the Suspend command is written to it. Polling the WSM
Status and Suspend Status bits will determine when the
erase operation or program operation has been suspended.
At this point, writing of the Read Array command to the CUI
enables reading data from blocks other than that which is
suspended. When the Resume command of D0H is written
to the CUI, the WSM will continue with the erase or
program processes.
The 32M-bit DINOR IV Flash Memory has a master Write
Protect pin (WP#). When WP# is at VIH, all blocks can be
programmed or erased. When WP# is low, all blocks are in
locked mode which prevents any modifications to memory
blocks. Software Lock Release function is only command
which allows to program or erase.
When the power supply voltage is less than VLKO, Low
VCC Lock-Out voltage, the device is set to the Read-only
mode.
A delay time of 2µs is required before any device
operation is initiated. The delay time is measured from the
time Flash VCC reaches Flash VCCmin (3.0V).
During power up, RP# = GND is recommended. Falling in
Busy
status
is
not
recommended
for
possibility
of
damaging the device.
Array data load to the page buffer is performed by
writing the Flash to Page Buffer command of F1H
followed by the Confirm command of D0H. An address
within the page to be loaded is required. Then the array
data can be copied into the other pages within the same
bank by using the Page Buffer to Flash command.
Flash to Page Buffer Command (F1H/D0H)
The 32M-bit DINOR IV Flash Memory is constructed by 2
boot blocks of 4K words/ 8K bytes, 6 parameter blocks of
4K words/ 8K bytes and 7 main blocks of 32K words/ 64K
bytes in Bank(I), by 8 main blocks of 32K words/ 64K bytes
in Bank(II) and by 24 main blocks of 32K words/ 64K bytes
in Bank(III) and Bank(IV).
Power Supply Voltage
Clear Page Buffer Command (55H/D0H)
Data Protection
Suspend/Resume Command (B0H/D0H)
Memory Organization
The command sequence enable us to erase all blocks.
The command can be used by writing Setup command
A7H(1st cycle) and confirm command D0H(2nd cycle). The
sequence is not valid in case of WP#=VIL.
Erase All Unlocked Blocks Command (A7H/D0H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com