Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp M5M29KB Datasheet HTML 18Page - Renesas Technology Corp M5M29KB Datasheet HTML 19Page - Renesas Technology Corp M5M29KB Datasheet HTML 20Page - Renesas Technology Corp M5M29KB Datasheet HTML 21Page - Renesas Technology Corp M5M29KB Datasheet HTML 22Page - Renesas Technology Corp M5M29KB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
19
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
AC waveforms for Page Read Operation
Byte AC Waveforms for Read Operation
ADDRESS
A20-A0
CE#
OE#
BYTE#
DATA
D7-D0
Address Valid
High-Z
V
IH
V
IL
ta(AD)
ta(CE)
V
IH
V
IL
V
IH
V
IL
tDF(CE)
tDF(OE)
V
IH
V
IL
ta(OE)
Output Valid
tOH
tOLZ
tCLZ
V
OH
V
OL
ta(BYTE)
tBCD
tBAD
DATA
D14-D8
V
OH
V
OL
High-Z
tBAD
ta(BYTE)
tBHZ
ta(AD)
Valid
Valid
Valid
D15/A-1
Address Valid
V
IH
V
IL
D15
A-1
Address Valid
When BYTE# = VIH, CE# = OE# = VIL, D15/A-1 is output status. At this time, input signal must not be applied.
A20 - A2
VIH
VIL
1st Address
CE#
VIH
VIL
WE#
VIH
VIL
VIH
VIL
High-Z
DATA
F3H
Page Address Valid
VIH
VIL
A1 - A0(WORD)
A1 - A-1(BYTE)
Address
ta(CE)
Address Valid (Voluntary Address)
OE#
VIH
VIL
ta(AD)
ta(OE)
ta(OE)
Valid
ta(PAD)
ta(PAD)
ta(PAD)
2nd
~
Nth
tCEPH
Valid
Valid
Valid
- After inputting Page Read Command F3H, it is necessary to make CE# “H” pulse more than 30ns (tCEPH).
And after inputting Page Read Command F3H, it is also necessary to keep 30ns to recover before starting read
after WE# rises “H” in case of changing address(es) and CE#=“L”.
- Once Page Read mode is valid, the mode is kept until RP# is set to VIL or the chip is powered off.
- Word mode(BYTE#=VIH):N=4, Byte mode(BYTE#=VIL):N=8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com