Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M29KB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M5M29KB
Description  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M5M29KB Datasheet HTML 9Page - Renesas Technology Corp M5M29KB Datasheet HTML 10Page - Renesas Technology Corp M5M29KB Datasheet HTML 11Page - Renesas Technology Corp M5M29KB Datasheet HTML 12Page - Renesas Technology Corp M5M29KB Datasheet HTML 13Page - Renesas Technology Corp M5M29KB Datasheet HTML 14Page - Renesas Technology Corp M5M29KB Datasheet HTML 15Page - Renesas Technology Corp M5M29KB Datasheet HTML 16Page - Renesas Technology Corp M5M29KB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
13
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Block Locking
WP# pin must not be switched during performing Read / Write operations or WSM busy (WSMS=0).
Status Register
Bank(II)
Bank(III)
Bank(IV)
Boot
Parameter/Main
Main
Main
Main
VIL
X
Locked
Locked
Locked
Locked
Locked
Deep Power Down Mode
VIH
Unlocked
Unlocked
Unlocked
Unlocked
Unlocked
All Blocks Unlocked
Locked
Locked
All Blocks Locked(Valid to operate
Softw are Lock Release)
Write Protection Provided
Notes
Bank(I)
Locked
Locked
Locked
RP#
WP#
VIH
VIL
"1"
"0"
S.R. 7 (DQ7)
Write State Machine Status
Ready
Busy
S.R. 6 (DQ6)
Suspend Status
Suspended
Operation in Progress/Completed
S.R. 5 (DQ5)
Erase Status
Error
Successful
S.R. 4 (DQ4)
Program Status
Error
Successful
S.R. 3 (DQ3)
Block Status after Erase
Error
Successful
S.R. 2 (DQ2)
Reserved
-
-
S.R. 1 (DQ1)
Reserved
-
-
S.R. 0 (DQ0)
Reserved
-
-
Symbol
(I/O Pin)
Status
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com