Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 132 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 128Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 129Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 130Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 131Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 132Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 135Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 118
MC68HC05V7 Specification Rev. 1.0
In VPW bit encoding, the tolerances for the both passive and active data bits and symbols
are defined with no gaps between definitions. For example, the maximum length of a
passive logic zero is equal to the minimum length of a passive logic one, and the maximum
length of an active logic zero is equal to the minimum length of a valid SOF symbol
15.5.4.1
Invalid Passive Bit
If the passive to active transition beginning the next data bit or symbol occurs between the
active to passive transition beginning the current data bit or symbol and
a, the current bit
would be invalid. See Figure 15-12(1).
15.5.4.2
Valid Passive Logic Zero
If the passive to active transition beginning the next data bit or symbol occurs between
a
and
b, the current bit would be considered a logic zero. See Figure 15-12(2).
15.5.4.3
Valid Passive Logic One
If the passive to active transition beginning the next data bit or symbol occurs between
b
and
c, the current bit would be considered a logic one. See Figure 15-12(3).
15.5.4.4
Valid EOD Symbol
If the passive to active transition beginning the next data bit or symbol occurs between
c
and
d, the current symbol would be considered a valid EOD symbol. See Figure 15-12(4).
a
bc
b
a
(1) Invalid Passive
(2) Valid Passive
(3) Valid Passive
64
µs
128
µs
Figure 15-12 :
J1850 VPW Passive Symbols
cd
(4) Valid EOD
Symbol
Logic One
Bit
Logic Zero
200
µs
Active
Passive
Active
Passive
Active
Passive
Active
Passive
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com